Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS3655-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3655-Q1
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMS3655-Q1 Datasheet HTML 4Page - Texas Instruments LMS3655-Q1 Datasheet HTML 5Page - Texas Instruments LMS3655-Q1 Datasheet HTML 6Page - Texas Instruments LMS3655-Q1 Datasheet HTML 7Page - Texas Instruments LMS3655-Q1 Datasheet HTML 8Page - Texas Instruments LMS3655-Q1 Datasheet HTML 9Page - Texas Instruments LMS3655-Q1 Datasheet HTML 10Page - Texas Instruments LMS3655-Q1 Datasheet HTML 11Page - Texas Instruments LMS3655-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
LMS3655
SNAS744A – JULY 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMS3655
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted.
Minimum and maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IFB
Input current from FB to AGND
FB = 1 V
20
nA
VREF
Reference voltage
TJ = 25°C
0.993
1
1.007
V
TJ = –40°C to 125°C
0.99
1
1.01
RRESET
RDSON of RESEToutput
Pull FB pin low. Sink 1-mA at
RESET pin
50
120
Ω
VSYNC
VIH
1.5
V
VIL
0.4
VHYST
0.15
1
TSD
Thermal shutdown thresholds(2)
Rising
160
185
°C
Hysteresis
15
DMAX
Maximum switch duty cycle
Fsw = 400 kHz
96%
While in dropout(2)
98%
7.7 System Characteristics
The following specifications are ensured by design provided that the component values in the typical application circuit are
used. These parameters are not ensured by production testing. Limits apply over the recommended operating junction
temperature range of –40°C to +150°C, unless otherwise noted. Minimum and maximum limits are specified through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN-MIN
Minimum input voltage for full functionality at
3.5-A load, after start-up.
VOUT = 3.3 V +2% or –3% regulation
3.5
V
Minimum input voltage for full functionality at
maximum rated load 5.5 A after start-up.
VOUT = 3.3 V +2% or –3% regulation
3.8
VOUT
Output voltage
VIN = VOUT + 1 V to 36 V, IOUT = 3.5 A
–2.25%
2.25%
FSW
Switching frequency
VIN = 24 V, FPWM = 24V, VOUT = 3.3 V,
IOUT = 200 mA
400
kHz
IQ_VIN
Input current to VIN pin
VIN = 13.5 V, VOUT = 3.3 V, IOUT = 0 A ,
FPWM = 0, RFBT = 49.9 kΩ, RFBB = 21.7
32
µA
VIN = 13.5 V, VOUT = 5.0 V, IOUT = 0 A,
FPWM = 0, RFBT = 49.9 kΩ, RFBB = 12.4
57
IB
Bias current in AUTO mode at no load
VIN = 13.5 V, IOUT = 0 A, FPWM = 0
32
42
µA
VDROP1
Minimum input to output voltage differential to
maintain regulation accuracy without inductor
DCR drop
VOUT = 3.3 V or 5 V, IOUT= 3.5 A, +2% or
–3% output accuracy
0.35
0.6
V
VOUT = 3.3 V or 5 V, IOUT= 5.5 A, +2% or
–3% output accuracy
0.65
0.85
V
VDROP2
Minimum input to output voltage differential to
maintain FSW ≥ 330 kHz without inductor DCR
drop
VOUT = 3.3 V or 5 V, IOUT = 3.5 A,
FSW = 330 kHz, 2% regulation accuracy
0.5
0.7
V
VOUT = 3.3 V or 5 V, IOUT = 5.5 A,
FSW = 330 kHz, 2% regulation accuracy
0.7
1.2
V
Efficiency
Typical efficiency
VIN = 13.5 V, VOUT = 5 V, IOUT = 3.5 A
94%
VIN = 13.5 V, VOUT = 3.3 V, IOUT = 3.5 A
92%
VIN = 13.5 V, VOUT = 5 V, IOUT = 100 mA
92%


Similar Part No. - LMS3655-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3655-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com