Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6294IDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6294IDR
Description  10-MHz, Rail-to-Rail Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6294IDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button MCP6294IDR Datasheet HTML 3Page - Texas Instruments MCP6294IDR Datasheet HTML 4Page - Texas Instruments MCP6294IDR Datasheet HTML 5Page - Texas Instruments MCP6294IDR Datasheet HTML 6Page - Texas Instruments MCP6294IDR Datasheet HTML 7Page - Texas Instruments MCP6294IDR Datasheet HTML 8Page - Texas Instruments MCP6294IDR Datasheet HTML 9Page - Texas Instruments MCP6294IDR Datasheet HTML 10Page - Texas Instruments MCP6294IDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
MCP6291, MCP6292, MCP6294
www.ti.com
SBOS879A – JULY 2017 – REVISED OCTOBER 2017
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Current limit input signals that can swing more than 0.5 V beyond the supply
rails to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
6
V
Signal input pins
Voltage(2)
Common-mode
(V–) – 0.5
(V+) + 0.5
V
Differential
(V+) – (V–) + 0.2
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
mA
Specified, TA
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
2.4
5.5
V
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information: MCP6292
THERMAL METRIC(1)
MCP6292
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
157.6
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
104.6
°C/W
RθJB
Junction-to-board thermal resistance
99.7
°C/W
ψJT
Junction-to-top characterization parameter
55.6
°C/W
ψJB
Junction-to-board characterization parameter
99.2
°C/W


Similar Part No. - MCP6294IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCP6294IDR TI1-MCP6294IDR Datasheet
1Mb / 32P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6294IDR TI1-MCP6294IDR Datasheet
1Mb / 33P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6294IDR TI1-MCP6294IDR Datasheet
2Mb / 40P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6294IDR TI1-MCP6294IDR Datasheet
2Mb / 45P
[Old version datasheet]   MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
More results

Similar Description - MCP6294IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_19 Datasheet
2Mb / 40P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_V01 Datasheet
2Mb / 45P
[Old version datasheet]   MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
   8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com