Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5000 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VSP5000
Description  12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP5000 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button VSP5000 Datasheet HTML 5Page - Burr-Brown (TI) VSP5000 Datasheet HTML 6Page - Burr-Brown (TI) VSP5000 Datasheet HTML 7Page - Burr-Brown (TI) VSP5000 Datasheet HTML 8Page - Burr-Brown (TI) VSP5000 Datasheet HTML 9Page - Burr-Brown (TI) VSP5000 Datasheet HTML 10Page - Burr-Brown (TI) VSP5000 Datasheet HTML 11Page - Burr-Brown (TI) VSP5000 Datasheet HTML 12Page - Burr-Brown (TI) VSP5000 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VSP5000
SLES057 – DECEMBER 2002
www.ti.com
9
VSP5000 SH Mode Timing Specification (Even and Odd Channels)
CCD
Output
Signal
(Even/
Odd)
SYSCLK
B[11:0]
N+1
N
N+2
tw(D)
td(S)
t(CKP)
t(CKP)
t(ADC)
t(ADC)
td(O)
th(O)
N
*10
(EV)
SHD
N+3
N
*10
(OD)
N
*9
(EV)
N
*9
(OD)
N
*8
(EV)
N
*8
(OD)
N
*7
(EV)
t(DS)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(CKP)
Clock period
33
ns
t(ADC)
SYSCLK pulse width
16.7
ns
tw(D)
SHD pulse width
6
8.3
ns
td(S)
Sampling delay
3.5
ns
t(DS)
SHD trailing edge to SYSCLK leading edge
–8
6
ns
th(O)
Output hold time(1)
6
ns
t
Output delay at data output delay = 0 ns(1)
9
ns
td(O)
Output delay at data output delay = 3 ns(2)
13
ns
DL
Data latency
9
Clock
Cycles
(1) Load = 25 pF, data output delay = 0 ns, meaning the delay time setting by configuration register of the serial interface.
(2) Load = 25 pF, data output delay = 3 ns, meaning the delay time setting by configuration register of the serial interface.


Similar Part No. - VSP5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5000 TI1-VSP5000 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
VSP5000PM TI1-VSP5000PM Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
VSP5000PMG6 TI1-VSP5000PMG6 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
VSP5000PMG6 TI1-VSP5000PMG6_14 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
More results

Similar Description - VSP5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5000PMG6 TI1-VSP5000PMG6_14 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
VSP5010 TI1-VSP5010 Datasheet
711Kb / 25P
[Old version datasheet]   12-Bit, 31-MSPS, Dual-Channel CCD ANALOG FRONT-END FOR DIGITAL COPIERS
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845A AD-AD9845A Datasheet
252Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
   CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com