Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

320820405 Datasheet(PDF) 1 Page - Contrinex AG Industrial Electronics

Part # 320820405
Description  INDUCTIVE SENSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTRINEX [Contrinex AG Industrial Electronics]
Direct Link  https://www.contrinex.com/
Logo CONTRINEX - Contrinex AG Industrial Electronics

320820405 Datasheet(HTML) 1 Page - Contrinex AG Industrial Electronics

  320820405 Datasheet HTML 1Page - Contrinex AG Industrial Electronics 320820405 Datasheet HTML 2Page - Contrinex AG Industrial Electronics 320820405 Datasheet HTML 3Page - Contrinex AG Industrial Electronics 320820405 Datasheet HTML 4Page - Contrinex AG Industrial Electronics 320820405 Datasheet HTML 5Page - Contrinex AG Industrial Electronics 320820405 Datasheet HTML 6Page - Contrinex AG Industrial Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUCTIVE SENSOR
BASIC
CONTRINEX AG Industrial Electronics
route du Pâqui 5 - P.O. Box - CH 1720 Corminboeuf - Switzerland - Tel: +41 26 460 46 46 -
Fax: +41 26 460 46 40 - Internet: www.contrinex.com - E-mail: info@contrinex.com
HOUSING
OPERATING DISTANCE
MOUNTING
40 x 40 mm
20 mm
Embeddable
ELECTRICAL DATA
MECHANICAL DATA
Supply voltage range (U
B)
10...30 VDC
Mounting
Embeddable
Residual ripple
≤ 10% U
B
Housing material
PA GF
Output current
≤ 200 mA
Sensing face material
PA GF
Output voltage drop
≤ 2.5 V
Max tightening torque
2.5 Nm
Power consumption (no-load)
≤ 30 mA
Ambient temperature operation
-25 ... +85 °C
Residual current
≤ 0.01 mA
Enclosure rating
IP 68, IP 69K
Switching frequency
≤ 100 Hz
Weight (incl. bracket)
120 g
Short-circuit protection
ü
Shock and vibration
IEC 60947-5-2 / 7.4
Voltage reversal protection
ü
Cable length max.
300 m
DETECTION DATA
INTERFACE
Rated operating distance (S
n)
20 mm
Indicator LED, yellow (2x)
Sensing state (0 ≤ S ≤ S
r)
Assured operating distance (S
a)
≤ (0.81 x S
n) mm
Indicator LED, green (2x)
Power supply state
Repeat accuracy
0.75 mm
IO-Link
ü
Hysteresis
≤ 15% S
r
MTTF
2204 a
Temperature drift
≤ 10% S
r
Standard target
60 mm x 60 mm x 1 mm, FE 360
DW-AS-62x-C44
ü
Highly flexible sensor solution
ü
IP 68 + IP 69K
ü
Active face mountable in 5
directions
ü
Long operating distances
ü
Easy click-and-lock
mounting
ü
IO-Link
Note: all data measured according to IEC 60947-5-2 standard with U
B=20...30VDC, TA=23 °C ± 5 °C.


Similar Part No. - 320820405

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
320820405 CONTRINEX-320820405 Datasheet
438Kb / 6P
   INDUCTIVE SENSOR BASIC
More results

Similar Description - 320820405

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com