Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PECL_RX_C3 Datasheet(PDF) 3 Page - ams AG

Part # PECL_RX_C3
Description  CMOS PECL Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PECL_RX_C3 Datasheet(HTML) 3 Page - ams AG

  PECL_RX_C3 Datasheet HTML 1Page - ams AG PECL_RX_C3 Datasheet HTML 2Page - ams AG PECL_RX_C3 Datasheet HTML 3Page - ams AG PECL_RX_C3 Datasheet HTML 4Page - ams AG PECL_RX_C3 Datasheet HTML 5Page - ams AG PECL_RX_C3 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Datasheet: PECL_RX - C35
Revision B, 10.09.02
Page3of6
TECHNICAL DATA FOR PERXBIAS
(Tjunction =
−40 to 125 °C, VDDA = +3.0 Vto+3.6 V, XSIM = High, unless otherwise specified)
POWER REQUIREMENTS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC
DC Current Consumption
1.2
2
mA
Pdiss
Power Consumption
4
7.2
mW
REFERENCE CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
1.20
1.22
1.24
V


Similar Part No. - PECL_RX_C3

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
   ECL Logic 3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5_1 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PECL3-0.75 RHOMBUS-IND-PECL3-0.75 Datasheet
21Kb / 1P
   ECL Logic 3-Bit Programmable Delay Modules
PECL3-0.75 RHOMBUS-IND-PECL3-0.75 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
More results

Similar Description - PECL_RX_C3

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
   PECL/ECL Differential Receiver
logo
Texas Instruments
TB5T1 TI-TB5T1 Datasheet
437Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
TB5T1 TI1-TB5T1_14 Datasheet
1,003Kb / 22P
[Old version datasheet]   DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com