Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1900 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1900
Description  Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1900 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1900 Datasheet HTML 1Page - NTE Electronics NTE1900 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1900
Integrated Circuit
3–Terminal Adjustable Positive
Voltage Regulator
Description:
The NTE1900 is an adjustable 3–terminal positive voltage regulator in a TO92 type package capable
of supplying in excess of 100mA over a 1.2V to 37V output range. This device is exceptionally easy
to use and both line and load regulation are better than standard fixed regulators.
In addition to higher performance than fixed regulators, the NTE1900 offers full overload protection
available only in IC’s. Included on the chip are current limit, thermal overload protection, and safe
area protection. All overload protection circuitry remains fully functional even if the adjustment termi-
nal is disconnected.
Normally, no capacitors are needed unless the device is situated far from the input filter capacitors
in which case an input bypass is needed. An optional output capacitor can be added to improve tran-
sient response. The adjustment terminal can be bypassed to achieve very high ripple rejection ratios
which are difficult to achieve with standard 3–terminal regulators.
Besides replacing fixed regulators, the NTE1900 is useful in a wide variety of other applications. Since
the regulator is “floating” and sees only the input–to–output differential voltage, supplies of several
hundred volts can be regulated as long as the maximum input to output differential is not exceeded.
Also, it makes an especially simple adjustable switching regulator, a programmable output regulator,
or by connecting a fixed resistor between the adjustment and output, the NTE1900 can be used as
a precision current regulator. Supplies with electronic shutdown can be achieved by clamping the
adjustment terminal to GND which programs the output to 1.2V where most loads draw little current.
Features:
D Adjustable Output Down to 1.2V
D Guaranteed 100mA Output Current
D Line Regulation Typically 0.01%/V
D Load Regulation Typically 0.1%
D Current Limit Constant with Temperature
D Eliminates the Need to Stock Many Voltages
D 80dB Ripple Rejection
Absolute Maximum Ratings:
Power Dissipation, PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input–Output Voltage Differential, VI–VO
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE1900

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Amplifier
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
More results

Similar Description - NTE1900

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
   Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE957 NTE-NTE957 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
logo
NTE Electronics
NTE935 NTE-NTE935 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com