Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4936 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # 1N4936
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4936 Datasheet(HTML) 1 Page - Suntan Capacitors

  1N4936 Datasheet HTML 1Page - Suntan Capacitors 1N4936 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
1N4933 THRU 1N4937
FAST RECOVERY RECTIFIERS
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
F E A T U R E S
◆The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
◆Fast switching for high efficiency
◆Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250℃/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
◆Case: DO-41 molded plastic body
◆Terminals: Plated axial leads, solderable per
MIL-STD-750,Method 2026
◆Polarity: Color band denotes cathode end
◆Mounting position: Any
◆Weight: 0.26 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
VOLTS
Maximum RMS Voltage
VRMS
35
70
140
280
420
VOLTS
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
VOLTS
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75℃
I(AV)
1.0
Amp
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.2
VOLTS
Maximum DC Reverse Current
TA= 25℃
at Rated DC blocking voltage
TA = 100℃
IR
5.0
50.0
uA
Maximum reverse recovery time (NOTE 1)
trr
200
ns
Typical Junction Capacitance (Note 1)
CJ
15.0
pF
Typical Thermal Resistance (Note 2)
RθJA
50.0
℃/W
Operating junction and storage temperature range
TJ ,TSTG
-65 to +150
Note:
1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
DO-41
Dimensions in inches and (millimeters)


Similar Part No. - 1N4936

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N4936 SEMIKRON-1N4936 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Motorola, Inc
1N4936 MOTOROLA-1N4936 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4936 DIGITRON-1N4936 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Jinan Jingheng (Group) ...
1N4936 JINANJINGHENG-1N4936 Datasheet
75Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Dc Components
1N4936 DCCOM-1N4936 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4936

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com