Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ20005 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # GBJ20005
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

GBJ20005 Datasheet(HTML) 1 Page - Suntan Capacitors

  GBJ20005 Datasheet HTML 1Page - Suntan Capacitors GBJ20005 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
GBJ20005 THRU GBJ2010
SINGLE-PHASE BRIDGE RECTIFIER
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 20 Ampere
F E A T U R E S
◆Rating to 1000V PRV.
◆Ideal for printed circuit board.
◆Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product.
The plastic material has UL flammability
classification 94V-0.
Electrically isolated base-1500 Volts
Mechanical Data
◆Polarity: Symbols molded on body.
◆Weight: 0.26 ounces, 7.0 grams.
◆Mounting position: Any.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
GBJ20005
GBJ2001
GBJ2002
GBJ2004
GBJ2006
GBJ2008
GBJ2010
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward(with heatsink Note
2)
Rectified Current @ TC=110℃(without heatsink)
I(AV)
20.0
3.5
A
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
260
A
Maximum forward Voltage at 10A DC
VF
1.05
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking voltage
@TJ=125℃
IR
5.0
500
mA
I
2t Rating for fusing(t<8.3ms)
I
2t
240
A
2S
Typical Junction
Capacitance per element(Note 1)
CJ
60
pF
Typical Thermal Resistance (Note 2)
RθJC
0.8
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Note:
1.Measured at 1.0M Hz and applied reversed voltage of 4.0 VDC.
2. Device mounted on 300mm x 300mm x 1.6mm Cu Plate Heatsink.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
GBJ
Dimensions in inches and (millimeters)


Similar Part No. - GBJ20005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Chongqing Pingwei Enter...
GBJ20005 CHONGQING-GBJ20005 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBJ20005 BYTESONIC-GBJ20005 Datasheet
361Kb / 2P
   SINGLE PHASE 20 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ20005 MCC-GBJ20005 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
More results

Similar Description - GBJ20005

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
GBPC35005 SUNTAN-GBPC35005 Datasheet
256Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC50005W SUNTAN-GBPC50005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU15005 SUNTAN-GBU15005 Datasheet
206Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
S50VB005 SUNTAN-S50VB005 Datasheet
243Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 SUNTAN-GBJ801 Datasheet
258Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ10005 SUNTAN-GBJ10005 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ15005 SUNTAN-GBJ15005 Datasheet
259Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ35005 SUNTAN-GBJ35005 Datasheet
239Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC15005W SUNTAN-GBPC15005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6005 SUNTAN-GBU6005 Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com