Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC2506W Datasheet(PDF) 1 Page - Suntan Capacitors

Part # GBPC2506W
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

GBPC2506W Datasheet(HTML) 1 Page - Suntan Capacitors

  GBPC2506W Datasheet HTML 1Page - Suntan Capacitors GBPC2506W Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
GBPC25005W THRU GBPC2510W
SINGLE-PHASE BRIDGE RECTIFIER
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 25 Ampere
F E A T U R E S
◆Rating to 1000V PRV.
◆High efficiency.
◆Glass passivated chip junction.
Electrically isolated metal case for maximum heat
dissipation.
The plastic material has UL flammability
classification 94V-0.
Electrically isolated base-2500 Volts
Mechanical Data
◆Case : Molded plastic with Heatsink internally mounted
in the bridge encapsulation.
◆Polarity: As marked on Body.
◆Mounting : Hole for # 10 screw.
◆Weight :0.47 ounces , 13.4 grams (wire).
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
GBPC
25005W
GBPC
2501W
GBPC
2502W
GBPC
2504W
GBPC
2506W
GBPC
2508W
GBPC
2510W
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward(with heatsink Note 2)
Rectified Current @ TC=110℃(without heatsink)
I(AV)
25.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
IFSM
300
A
Maximum forward Voltage at 12.5A DC
VF
1.1
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking voltage
@TJ=125℃
IR
5.0
500
mA
I
2t Rating for fusing(t<8.3ms)
I
2t
508
A
2S
Typical Junction
Capacitance per element(Note 1)
CJ
130
pF
Typical Thermal Resistance (Note 2)
RθJC
1.9
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Note:
1. Measured at non-repetitive, for greater than 1ms and less than 8.3ms.
2.Measured at 1.0M Hz and applied reversed voltage of 4.0 VDC.
3. Device mounted on 300mm x 300mm x 1.6mm Cu Plate Heatsink.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
GBPC-W
Dimensions in inches and (millimeters)


Similar Part No. - GBPC2506W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2506W PANJIT-GBPC2506W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes)
logo
ON Semiconductor
GBPC2506W ONSEMI-GBPC2506W Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
Diodes Incorporated
GBPC2506W DIODES-GBPC2506W Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
RFE international
GBPC2506W RFE-GBPC2506W Datasheet
2Mb / 3P
   Bridge Rectifiers
1-06-2023
logo
International Rectifier
GBPC2506W IRF-GBPC2506W Datasheet
73Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
More results

Similar Description - GBPC2506W

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
GBJ20005 SUNTAN-GBJ20005 Datasheet
238Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC35005 SUNTAN-GBPC35005 Datasheet
256Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC50005W SUNTAN-GBPC50005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU15005 SUNTAN-GBU15005 Datasheet
206Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
S50VB005 SUNTAN-S50VB005 Datasheet
243Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ801 SUNTAN-GBJ801 Datasheet
258Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ10005 SUNTAN-GBJ10005 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ15005 SUNTAN-GBJ15005 Datasheet
259Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ35005 SUNTAN-GBJ35005 Datasheet
239Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC15005W SUNTAN-GBPC15005W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6005 SUNTAN-GBU6005 Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com