Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG19-7031-35-11 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG19-7031-35-11
Description  pcb automotive / industrial relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG19-7031-35-11 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG19-7031-35-11 Datasheet HTML 1Page - Willow Technologies Ltd DG19-7031-35-11 Datasheet HTML 2Page - Willow Technologies Ltd DG19-7031-35-11 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG19
pcb automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Wiring Diagrams
Fig. 2
(Bottom View)
Dimensions in mm
Reference Curves
Fig.4
Specifications are subject to change without notice. E&OE.
Ref: DG19 051216JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 40A, 13.5VDC, with suitable arc suppression circuit attached and with operating frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current. Consult factory for motor and capacitive loads.
4: For optimum electrical life, please remove the knock off nib of the sealed version after cleaning process.
Open Frame
Covered
PCB Mounting Dimensions (Bottom View)
US Footprint
European Footprint
US Footprint
European Footprint
US Footprint
US Footprint
European Footprint
European Footprint
% Nominal Coil Voltage
Max. DC resistive load breaking capacity
SPST-NO
SPST-NC
SPDT
2.2
3.4
2.2
2.4
2.3
2.3
2.2
3.6
2.2
4.4
Max:Allowable
Ambient Temperature
VDC
Switching Voltage
*
*
*
* Terminal not fitted for standard US covered style
2.2
4.4
“Old” US Style Covered
Fig. 3
Available to special order only - Option 81D (MOQ will apply)
e.g DG19-3011-35-1012-81D


Similar Part No. - DG19-7031-35-11

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG19 AEC-DG19 Datasheet
324Kb / 3P
   Automotive oriented design
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
logo
Intersil Corporation
DG190 INTERSIL-DG190 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG190 INTERSIL-DG190 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
More results

Similar Description - DG19-7031-35-11

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
OEN45 OENINDIA-OEN45 Datasheet
341Kb / 2P
   AUTOMOTIVE PCB RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
   Subminiature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Willow Technologies Ltd
DG34A WILLOW-DG34A Datasheet
364Kb / 3P
   automotive pcb power relay
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
   SubMiniature Automotive PCB Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com