Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21352-N Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21352-N
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21352-N Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21352-N Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Intelligent Power Module>
PS21352-N
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2001
Note 4 : Short-circuit protection operates only at the low-arms. Please select the value of the external shunt resistor such that the SC trip level
is less than 8.5A
5: Fault signal is outputted when the low-arm short-circuit or control supply under-voltage protective functions operate. The fault output
pulse-width tFO depends on the capacitance value of CFO according to the following approximate equation. : CFO = (12.2
✕ 10-6) ✕ tFO [F]
8.5
1.0
9.7
1.0
0.9
1.8
0.53
12.0
12.5
12.5
13.0
2.0
4.0
4.9
0.8
0.43
10.0
10.5
10.3
10.8
1.0
0.8
2.5
Applied between:
UP, VP, WP-VNC, UN, VN, WN-VNC
Trip level
Reset level
Trip level
Reset level
Total of VP1-VNC, VN1-VNC
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Total of VP1-VNC, VN1-VNC
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Circuit current
Condition
Symbol
Parameter
Limits
ID
VFOH
VFOL
VFOsat
VSC(ref)
UVDBt
UVDBr
UVDt
UVDr
tFO
Vth(on)
Vth(off)
Min.
Typ.
Max.
Unit
CONTROL (PROTECTION) PART
VD = VDB =15V
VCIN = 5V
VD = VDB =15V
VCIN = 0V
VSC = 0V, FO = 10k
Ω 5V pull-up
VSC = 0V, IFO = 1.5mA
VSC = 1V, IFO = 15mA
Tj
= 25°C, VD = 15V
(Note 4)
Fault output voltage
Short-circuit trip level
Supply circuit under-voltage
protection
Tj
≤ 125°C
Fault output pulse width
ON threshold voltage
OFF threshold voltage
CFO = 22nF
(Note 5)
0.6
1.2
0.48
1.8
1.4
3.0
mA
mA
V
V
V
V
V
V
V
V
ms
V
V
2.45
2.60
3.00
1.35
0.65
1.40
0.85
1
10
mA
V
Tj = 25
°C
Tj = 125
°C
IC = 5A, Tj = 25
°C
IC = 5A, Tj = 125
°C
VCE(sat)
VEC
ton
trr
tc(on)
toff
tc(off)
ICES
Tj = 25
°C, –IC = 5A, VCIN = 5V
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0.40
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Collector-emitter saturation
voltage
FWD forward voltage
VD = VDB = 15V
VCIN = 0V
Switching times
VCC = 300V, VD = VDB =15V
IC = 5A, Tj = 125
°C
Inductive load (upper-lower arm)
VCIN = 5
↔ 0V
Collector-emitter cut-off
current
VCE = VCES
1.80
1.90
2.20
0.90
0.20
0.40
0.95
0.35
V
µs
µs
µs
µs
µs
Condition
Symbol
Parameter
Limits
Inverter IGBT part (per 1/6 module)
(Note 3)
Inverter FWD part (per 1/6 module)
(Note 3)
Rth(j-f)Q
Rth(j-f)F
Min.
°C/W
°C/W
THERMAL RESISTANCE
Typ.
Max.
6.0
6.5
Unit
Junction-to-heat sink thermal
resistance
Note 3 : Grease with good thermal conductivity should be applied evenly about +100
µm~+200µm on the contact surface of a DIP-IPM and a
heat sink.


Similar Part No. - PS21352-N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21352-NP MITSUBISHI-PS21352-NP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21352-N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21312 MITSUBISHI-PS21312 Datasheet
185Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com