Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC2504W Datasheet(PDF) 1 Page - Suntan Capacitors

Part # KBPC2504W
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

KBPC2504W Datasheet(HTML) 1 Page - Suntan Capacitors

  KBPC2504W Datasheet HTML 1Page - Suntan Capacitors KBPC2504W Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
KBPC25005W THRU KBPC2510W
SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 25.0 Ampere
F E A T U R E S
◆High forward surge current capability.
◆Low thermal resistance.
◆High isolation voltage from case to lugs.
High temperature soldering guaranteed:
260/10 second, at 5 lbs. (2.3kg) tension.
Mechanical Data
◆Case: Matel case.
◆Terminal: Plated 0.25" (6.35mm) lug.
◆Polarity: Polarity symbols marked on case.
◆Mounting: Thru hole for #10 screw, 20 in,- lbs. Torque Max.
◆Weight:1.02 ounce, 29gram.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
KBPC
25005W
KBPC
2501W
KBPC
2502W
KBPC
2504W
KBPC
2506W
KBPC
2508W
KBPC
2510W
UNIT
Maximum Repetitive Peak Revere
Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
Rectified Output Current at TC=50℃
(Note1, 2)
I(AV)
25
Amps
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
Amps
Rating for Fusing(t<8.3ms)
I2T
373
A
2s
Maximum Instantaneous Forward
Voltage at12.5A
VF
1.1
Volts
Maximum Reverse
Current at Rated DC
Blocking Voltage
TA=25℃
IR
5.0
mAmps
TA=125℃
0.5
mAmps
Isolation Voltage from case to lugs
VISO
2500
VAC
Typical Thermal Resistance (Note
1,2)
RθJL
2.0
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
Tstg
-65 to +150
Note:
1.Unit mounted on 9”×3.5”×4.6” thick (23×9×11.8mm) Al. finned plate.
2.Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with
#10 screw.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
KBPC-W
Dimensions in inches and (millimeters)


Similar Part No. - KBPC2504W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2504W WTE-KBPC2504W Datasheet
52Kb / 4P
   15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBPC2504W GENESIC-KBPC2504W Datasheet
334Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
EIC discrete Semiconduc...
KBPC2504W EIC-KBPC2504W Datasheet
315Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 03 :October 12, 2015
logo
Dc Components
KBPC2504W DCCOM-KBPC2504W Datasheet
426Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
KBPC2504W SHUNYE-KBPC2504W Datasheet
234Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC2504W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com