Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC10005 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # KBPC10005
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

KBPC10005 Datasheet(HTML) 1 Page - Suntan Capacitors

  KBPC10005 Datasheet HTML 1Page - Suntan Capacitors KBPC10005 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
KBPC10005 THRU KBPC1010
SINGLE-PHASE BRIDGE RECTIFIER
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 10.0 Ampere
F E A T U R E S
◆Rating to 1000V PRV
◆Surge overload rating to 175 Amperes peak
◆Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Mounting: thru hole for # 6 screw Mounting
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
KBPC
10005
KBPC
1001
KBPC
1002
KBPC
1004
KBPC
1006
KBPC
1008
KBPC
1010
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRRM
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
And Output Current @ TA=50℃
IFAV
10.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
IFSM
175.0
A
Maximum instantaneous forward voltage
at 5.0 A
VF
1.0
V
Maximum Reverse Current @ TA=25℃
at rated DC blocking voltage @TA=125℃
IR
5.0
0.5
mA
mA
Operating junction temperature range
TJ
-55 to +125
Storage Temperature Range
TSTG
-55 to +150
Note: 1. Unit mounted on 8.7”×8.7”×0.24” thick (22×22×0.6 cm) Al. plate.
2. Unit mounted on P.C.B at 0.375” (9.5mm) lead length with 0.47”×0.47” (12×12mm) copper pads.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
BR-8
Dimensions in inches and (millimeters)


Similar Part No. - KBPC10005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC10005 SEMTECH-KBPC10005 Datasheet
215Kb / 2P
   10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shenzhen Luguang Electr...
KBPC10005 LUGUANG-KBPC10005 Datasheet
161Kb / 2P
   Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBPC10005 CHENDA-KBPC10005 Datasheet
643Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
KBPC10005 SSE-KBPC10005 Datasheet
14Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
More results

Similar Description - KBPC10005

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com