Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6313 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6313
Description  2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6313 Datasheet(HTML) 1 Page - Texas Instruments

  PT6313 Datasheet HTML 1Page - Texas Instruments PT6313 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.ti.com/powertrends
2 AMP ADJUSTABLE POSITIVE STEP-DOWN
INTEGRATED SWITCHING REGULATOR
PT6310
87% Efficiency
Adjustable Output Voltage
Internal Short Circuit Protection
Over-Temperature Protection
On/Off Control (Ground Off)
Small SIP Footprint
Wide Input Range
The PT6310 series is a High-
Performance 2 Amp, 12-Pin SIP
(Single In-line Package) Integrated
Switching Regulator (ISR) designed to
meet the on-board power conversion
needs of battery powered or other equip-
ment requiring high efficiency and
small size. This high performance ISR
offers a unique combination of features
combining 87% typical efficiency with
open-collector on/off control and ad-
justable output voltage.
Quiescent current in the shutdown
mode is typically less than 100µA.
Standard Application
C1 = Optional 1µF ceramic
C2 = Required 100µF electrolytic
Q1 = NFET
Ordering Information
PT6310! = +14.6 Volts
PT6311! = +15.5 Volts
PT6312! = +15.0 Volts
PT6313! = +8.0 Volts
Pin-Out Information
Pin
Function
1
Inhibit
(30V max)
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
PT6300
2,3,4
5,6,7,8
9,10,11
12
V
IN
COM
COM
V
OUT
C2
+
1
V
OADJ
INH
Q1
C1
Specifications
Characteristics
PT6310 Series
(T
a = 25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1*
2.0
A
Short Circuit Current
Isc
Vin = Vo + 5V
5.0
Apk
Input Voltage Range
Vin
0.1
≤ Io ≤ 2.0 A
Vo + 4
38**
V
Output Voltage Tolerance
∆Vo
Over Vin Range, Io = 2.0 A
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
±0.25
±0.5
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 2.0 A
±0.25
±0.5
%Vo
Vo Ripple/Noise
Vn
Vin = Vin min, Io = 2.0A
±2
%Vo
Transient Response
ttr
50% load change
100
200
µSec
with Co = 100µF
Vos
Vo over/undershoot
5.0
%Vo
Efficiency
η
Vin=24V, Io = 2.0 A
87
%
Switching Frequency
ƒo
Over Vin and Io ranges
600
700
800
kHz
PT6312 only
500
550
600
kHz
Shutdown Current
Isc
Vin = 15V
100
µA
Quiescent Current
Inl
Io = 0A, Vin =10V
10
mA
Output Voltage
Vo
Below Vo
See Application Notes.
Adjustment Range
Above Vo
Absolute Maximum
Ta
-40
+85
°C
Operating Temperature Range
Recommendated Operating
Ta
Free Air Convection, (40-60LFM)
-40
+70
°C
Temperature Range
At Vin = 18V, Io = 2.0A
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
30
°C/W
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3, 1 msec,
500
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz,Soldered in a PC board
10
G’s
Weight
6.5
grams
* ISR will operate to no load with reduced specifications.
** Input voltage cannot exceed 30V when the inhibit function is used.
Note: The PT6310 requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
Pkg Style 200
Series
SLTS076
(Revised 8/17/99)


Similar Part No. - PT6313

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
315Kb / 20P
   VFD Driver/Controller IC
PT6313-SL PTC-PT6313-SL Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S_10 Datasheet
315Kb / 20P
   VFD Driver/Controller IC
logo
Texas Instruments
PT6313A TI1-PT6313A Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6210 TI-PT6210 Datasheet
178Kb / 5P
[Old version datasheet]   2 Amp Adjustable Positive Step-down Integrated Switching Regulator
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78HT205 TI1-78HT205 Datasheet
501Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT200 TI-78HT200 Datasheet
485Kb / 5P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST233 TI-78ST233 Datasheet
216Kb / 1P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com