Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT60320-AS Datasheet(PDF) 4 Page - Quantum Research Group

Part # QT60320-AS
Description  32 KEY QMATRIX CHARGE-TRANSFER IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT60320-AS Datasheet(HTML) 4 Page - Quantum Research Group

  QT60320-AS Datasheet HTML 1Page - Quantum Research Group QT60320-AS Datasheet HTML 2Page - Quantum Research Group QT60320-AS Datasheet HTML 3Page - Quantum Research Group QT60320-AS Datasheet HTML 4Page - Quantum Research Group QT60320-AS Datasheet HTML 5Page - Quantum Research Group QT60320-AS Datasheet HTML 6Page - Quantum Research Group QT60320-AS Datasheet HTML 7Page - Quantum Research Group QT60320-AS Datasheet HTML 8Page - Quantum Research Group QT60320-AS Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Y gate signals can be manipulated externally so that the gate
dwell time is very short to suppress the effects of surface
conductivity due to water films. See Section 2.3.
1.6 SIGNAL PROCESSING
The QT60320D calibrates and processes all signals using a
number
of
algorithms
pioneered
by
Quantum.
These
algorithms are specifically designed to provide for high
survivability in the face of adverse environmental challenges.
1.6.1 SELF-CALIBRATION
The QT60320D is fully self-calibrating. On powerup the IC
scans the matrix key by key and sets appropriate calibration
points for each in accordance with setup information in its
internal eeprom, or on the fly from a host MPU. Since the
circuit can tolerate a very wide dynamic range, it is capable of
adapting to a wide mix of key sizes and shapes having wildly
varying Cx coupling capacitances. No special operator or
factory calibration or circuit tweak is required to bring keys
into operation, except for a gain and threshold batch setup
which can be performed in seconds from a file saved on a
PC. Once set, there should never be a need to readjust these
parameters.
1.6.2 DRIFT COMPENSATION ALGORITHM
Signal drift can occur because of changes in Cx and Cs over
time. It is crucial that drift be compensated for, otherwise
false detections, non-detections, and sensitivity shifts will
follow.
Drift compensation (Figure 1-7) is performed by making the
reference level track the raw signal at a slow rate, but only
while there is no detection in effect. The rate of adjustment
must be performed slowly, otherwise legitimate detections
could be ignored. The QT60320D drift compensates using a
slew-rate limited change to the reference level; the threshold
and hysteresis values are slaved to this reference.
When a finger is sensed, the signal falls since the human
body acts to absorb charge from the cross-coupling between
X and Y lines. An isolated, untouched foreign object (a coin,
or a water film) will cause the signal to rise
slightly due to the enhanced coupling thus
created. These effects are contrary to the way
most capacitive sensors operate.
Once a finger is sensed, the drift compensation
mechanism
ceases
since
the
signal
is
legitimately low, and therefore should not cause
the reference level to change.
The
QT60320's
drift
compensation
is
'asymmetric': the drift-compensation occurs in
one direction faster than it does in the other.
Specifically, it compensates faster for increasing
signals than for decreasing signals. Decreasing
signals should not be compensated for quickly,
since an approaching finger could be compensated for
partially or entirely before even touching the sense pad.
However, an obstruction over the sense pad, for which the
sensor has already made full allowance for, could suddenly
be removed leaving the sensor with an artificially suppressed
reference level and thus become insensitive to touch. In this
latter case, the sensor will compensate for the object's
removal by raising the reference level quickly.
1.6.3 THRESHOLD AND HYSTERESIS CALCULATIONS
The threshold value is established as an offset to the
reference level. As Cx and Cs drift, the reference drift
compensates with the changes and the threshold level is
automatically recomputed in real time so that it is never in
error. Since key touches result in negative signal swings, the
threshold is set below the signal reference level.
The QT60320D employs a hysteresis of 25% of the delta
between the reference and threshold levels. The signal must
rise by 25% of the distance from threshold to reference
before the detection event drops out and the key registers as
untouched.
1.6.4 MAX ON-DURATION
If a foreign object contacts a key the signal may change
enough to create a 'false' detection lasting for the duration of
the contact. To overcome this, the IC includes a timer which
monitors detection duration. If a detection exceeds the timer
setting, the timer causes the sensor to perform a full
recalibration. This is known as the Max On-Duration feature.
After the Max On-Duration interval has expired and the
recalibration has taken place, the affected key will once again
function normally even if still contacted by the foreign object,
to the best of its ability. The Max On-Duration is fixed at 10
seconds of continuous detection.
1.6.5 DETECTION INTEGRATOR
To suppress false detections caused by spurious events like
electrical noise, the QT60320D incorporates a detection
integration counter that increments with each detection
sample until a limit is reached, at which point a detection is
confirmed. If no detection is sensed on any of the samples
prior to the final count, the counter is reset immediately to
zero, forcing the process to restart. The required count is 4.
LQ
4
QT60320D R1.11/12.07.03
Figure 1-7 Drift Compensation
Threshold
Signal
Hysteresis
Reference
Output
Figure 1-6 Sample Electrode Geometries
PARALLEL LINES
SERPENTINE
SPIRAL


Similar Part No. - QT60320-AS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
QT60320C-A QUANTUM-QT60320C-A Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
QT60320C-AS QUANTUM-QT60320C-AS Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
More results

Similar Description - QT60320-AS

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT60486 QUANTUM-QT60486 Datasheet
880Kb / 32P
   32 & 48 KEY QMATRIX ICs
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT60161B QUANTUM-QT60161B Datasheet
674Kb / 36P
   16 KEY QMATRIX KEYPANEL SENSOR IC
QT60161 QUANTUM-QT60161 Datasheet
591Kb / 36P
   16 KEY QMatrix KEYPANEL SENSORS IC
logo
ATMEL Corporation
AT42QT2160 ATMEL-AT42QT2160_14 Datasheet
573Kb / 51P
   16-key QMatrix Touch Sensor IC
AT42QT2160 ATMEL-AT42QT2160 Datasheet
1Mb / 49P
   QSlide?? 16-key QMatrix??Sensor IC
logo
Quantum Research Group
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com