Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF30150CTR Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MBRF30150CTR
Description  30.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MBRF30150CTR Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MBRF30150CTR Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MBRF30150CTR Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb Free Plating Product
MBRF3035CTR thru MBRF30200CTR
Pb
Features
Low forward voltage drop
High current capability
Case: Fully Isolated Molding TO-220F Full Plastic Pak
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
ITO-220AB
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,EPS and UPS
Car Audio Amplifiers and Sound Device Systems
30.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
Standard MBR matured technology with high reliablity
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "CTR"
Suffix "CTD"
Suffix "CTS"
Suffix "CT"
®
MBRF3035CTR thru MBRF30200CTR
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.07C
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Unit : inch (mm)
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IF(AV)
A
IRRM
A
dV/dt
V/μs
RθJC
TJ
TSTG
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
4
mA
20
15
Voltage rate of change (Rated VR)
10000
10
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
0.2
Maximum instantaneous forward voltage (Note 2)
IF=15A, TJ=25℃
IF=15A, TJ=125℃
IF=30A, TJ=25℃
IF=30A, TJ=125℃
VF
V
0.70
0.75
0.84
0.95
0.82
0.90
0.94
1.05
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
200
A
Peak repetitive reverse surge current (Note 1)
IFRM
30
0.73
0.78
0.82
0.92
0.60
0.65
0.70
0.80
MBRF
30200
CTR
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
10.5
Maximum DC blocking voltage
Maximum average forward rectified current
30
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBRF
3035
CTR
MBRF
3045
CTR
MBRF
3050
CTR
MBRF
3060
CTR
MBRF
3090
CTR
MBRF
30100
CTR
MBRF
30150
CTR
/W


Similar Part No. - MBRF30150CTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRF30150CTR SMC-MBRF30150CTR Datasheet
324Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRF30150CTR SMCDIODE-MBRF30150CTR Datasheet
244Kb / 4P
   MBRF30150CTR SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRF30150CTR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBR3035CTR THINKISEMI-MBR3035CTR Datasheet
308Kb / 2P
   30.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
S30D35A THINKISEMI-S30D35A Datasheet
560Kb / 2P
   30.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
MBRF4035CTR THINKISEMI-MBRF4035CTR Datasheet
720Kb / 2P
   40.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF2045CTR THINKISEMI-MBRF2045CTR Datasheet
623Kb / 2P
   20 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF1045CTR THINKISEMI-MBRF1045CTR Datasheet
541Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
FMU21R THINKISEMI-FMU21R Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Common Anode Fast Recovery Half Bridge Rectifiers
S16C20A THINKISEMI-S16C20A Datasheet
641Kb / 2P
   16.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
MBRF10100CTR THINKISEMI-MBRF10100CTR Datasheet
724Kb / 2P
   10 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
446Kb / 2P
   20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA_V01 Datasheet
427Kb / 2P
   20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com