Electronic Components Datasheet Search |
|
AMEPR5-1435AZ Datasheet(PDF) 1 Page - AIMTEC |
|
AMEPR5-1435AZ Datasheet(HTML) 1 Page - AIMTEC |
1 / 3 page Series AMEPR5-AZ up to 1A | AC-DC / DC-DC LED driver www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052.1e R3.L 1 of 3 North America only FEATURES: Models Single output Model Max Output Power (W) ① Output Voltage Range (V) Output Current (A) Input Voltage (VAC/Hz) Input Voltage (VDC) Efficiency (%) 115 VAC 230 VAC AMEPR5-1630AZ 4.8 8-16 0.3 90-264/47-440 130-370 79 75 AMEPR5-1435AZ 4.9 6-14 0.35 90-264/47-440 130-370 77 74 AMEPR5-1236AZ 4.32 5-12 0.36 90-264/47-440 130-370 77 74 AMEPR5-0670AZ 4.2 2-6 0.7 90-264/47-440 130-370 76 73 AMEPR5-05100AZ 5 3-5 1 90-264/47-440 130-370 74 72 ① Exceeding the maximum output power will permanently damage the converter NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C, humidity<75%, nominal input voltage (115/230VAC) and at rated output load unless otherwise specified. See http://www.aimtec.com/terms- sale AMEPR5-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations prior to installation may damage sensitive equipment permanently. Input Specifications Parameters Conditions Typical Maximum Units Inrush current <2ms 115VAC 15 A 230VAC 30 Leakage current 115VAC 0.2 mA 230VAC 0.25 AC current 115VAC 0.09 A 230VAC 0.06 No load consumption 115VAC 0.1 W 230VAC 0.2 External fuse 250V/0.5A Start up time 140 ms Output Specifications Parameters Conditions Typical Maximum Units Current accuracy ±10 % Line regulation LL-HL ±5 % Load regulation 0-100% load ±10 % Ripple & Noise ② 6/12/14/16V models 5V model 100 150 mV p-p Hold-up time 2 ms Minimum Load Voltage See the models table ② Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 220µF (E/C) parallel capacitor. AC-DC or DC-DC Constant current LED Driver SCP, Over Voltage Protection Input range 90-264VAC/47-440Hz Waterproof Case rated IP67 Operating temperature 0 to 80°C High Efficiency up to 79% No load consumption <0.3W 5 Years Limited Warranty Click on Series name for product info on aimtec.com |
Similar Part No. - AMEPR5-1435AZ |
|
Similar Description - AMEPR5-1435AZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |