Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G14DSFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14DSFR
Description  Low-Power Single Schmitt-Trigger Inverter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G14DSFR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G14DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
SN74AUP1G14
SCES578J – JUNE 2003 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G14
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.6
V
VI
Input voltage(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high or low state (2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
1000
(1)
All unused inputs of the device must be held at VCC or GND to assure proper device operation. See Implications of Slow or Floating
CMOS Inputs.
6.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 0.8 V
–20
µA
VCC = 1.1 V
–1.1
mA
VCC = 1.4 V
–1.7
VCC = 1.65 V
–1.9
VCC = 2.3 V
–3.1
VCC = 3 V
–4
IOL
Low-level output current
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
mA
VCC = 1.4 V
1.7
VCC = 1.65 V
1.9
VCC = 2.3 V
3.1
VCC = 3 V
4
TA
Operating free-air temperature
–40
85
°C


Similar Part No. - SN74AUP1G14DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DSFR TI-SN74AUP1G14DSFR Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DSFR TI-SN74AUP1G14DSFR Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DSFR TI1-SN74AUP1G14DSFR Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - SN74AUP1G14DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com