Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G17DCKTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP1G17DCKTG4
Description  Low-Power Single Schmitt-Trigger Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G17DCKTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G17DCKTG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G17DCKTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
SN74AUP1G17
SCES579J – JUNE 2004 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G17
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ΔVT
Hysteresis
(VT+ – VT–)
TA = 25°C
0.8 V
0.07
0.5
V
TA = –40°C to +85°C
0.07
0.5
TA = 25°C
1.1 V
0.08
0.46
TA = –40°C to +85°C
0.08
0.46
TA = 25°C
1.4 V
0.18
0.56
TA = –40°C to +85°C
0.18
0.56
TA = 25°C
1.65 V
0.27
0.66
TA = –40°C to +85°C
0.27
0.66
TA = 25°C
2.3 V
0.53
0.92
TA = –40°C to +85°C
0.53
0.92
TA = 25°C
3 V
0.79
1.31
TA = –40°C to +85°C
0.79
1.31
VOH
IOH = –20 µA
TA = 25°C
0.8 V to 3.6 V
VCC – 0.1
V
TA = –40°C to +85°C
VCC – 0.1
IOH = –1.1 mA
TA = 25°C
1.1 V
0.75 × VCC
TA = –40°C to +85°C
0.7 × VCC
IOH = –1.7 mA
TA = 25°C
1.4 V
1.11
TA = –40°C to +85°C
1.03
IOH = –1.9 mA
TA = 25°C
1.65 V
1.32
TA = –40°C to +85°C
1.3
IOH = –2.3 mA
TA = 25°C
2.3 V
2.05
TA = –40°C to +85°C
1.97
IOH = –3.1 mA
TA = 25°C
1.9
TA = –40°C to +85°C
1.85
IOH = –2.7 mA
TA = 25°C
3 V
2.72
TA = –40°C to +85°C
2.67
IOH = –4 mA
TA = 25°C
2.6
TA = –40°C to +85°C
2.55
VOL
IOL = 20 µA
TA = 25°C
0.8 V to 3.6 V
0.1
V
TA = –40°C to +85°C
0.1
IOL = 1.1 mA
TA = 25°C
1.1 V
0.3 ×
VCC
TA = –40°C to +85°C
0.3 ×
VCC
IOL = 1.7 mA
TA = 25°C
1.4 V
0.31
TA = –40°C to +85°C
0.37
IOL = 1.9 mA
TA = 25°C
1.65 V
0.31
TA = –40°C to +85°C
0.35
IOL = 2.3 mA
TA = 25°C
2.3 V
0.31
TA = –40°C to +85°C
0.33
IOL = 3.1 mA
TA = 25°C
0.44
TA = –40°C to +85°C
0.45
IOL = 2.7 mA
TA = 25°C
3 V
0.31
TA = –40°C to +85°C
0.33
IOL = 4 mA
TA = 25°C
0.44
TA = –40°C to +85°C
0.45


Similar Part No. - SN74AUP1G17DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17DCKTG4 TI-SN74AUP1G17DCKTG4 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17DCKTG4 TI-SN74AUP1G17DCKTG4 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP1G17DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com