Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-38SX4C-TDM Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CCP-38SX4C-TDM
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-38SX4C-TDM Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CCP-38SX4C-TDM Datasheet HTML 1Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 2Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 3Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 4Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 5Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 6Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 7Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 8Page - Willow Technologies Ltd CCP-38SX4C-TDM Datasheet HTML 9Page - Willow Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-38S Page 1
CCP-38S\072013\Q3
Series CCP-38S
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
PART NUMBER
DESCRIPTION
CCP-38S
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
These switches have extremely low passive intermodulation for use in narrow bandwidth communications
applications.
The CCP38S is a broadband, multi-throw, electromechanical coaxial switch designed to switch a
microwave signal from a common input to any of 3, 4, 5, or 6 outputs. The characteristic impedance is 50
Ohms. The switches are small using the popular connector spacing on a 1.062” dia. circle. Each position
has an individual actuator mechanism allowing random position selection. This also gives the minimum
switching time.
With the normally open actuator, all paths are open when the switch is de-energized.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCP-38
S
1
6
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* D-Sub Connector may be 9 or 15 pin depending on
number of throws. (See Connector Pinout page)
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
S
: SMA FEMALE
1: 28 VDC NORMALLY OPEN
3: SP3T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
2: 15 VDC NORMALLY OPEN
4: SP4TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
3: 12 VDC NORMALLY OPEN
5: SP5TS
: D-SUB CONNECTOR*
4: 24 VDC NORMALLY OPEN
6: SP6TTD
: DECODERS AND TTL DRIVERS WITH
DIODES
**SEE PARTS LIST ON PAGE 10
M
: MOISTURE SEAL
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
15 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
400 205 170 140 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
SMA
Humidity (Moisture Seal)
Available
Weight
9 oz. (255.2g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.2
Isolation, dB, min.
70
VSWR , max.
1.25:1
RF Power (cw), W, max.
100
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-153.9
-144.1


Similar Part No. - CCP-38SX4C-TDM

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-38SX4C-TDM TELEDYNE-CCP-38SX4C-TDM Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX4C-TDMS TELEDYNE-CCP-38SX4C-TDMS Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-38SX4C-TDM

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com