Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA6L4C0G2J153J160AE Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA6L4C0G2J153J160AE
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA6L4C0G2J153J160AE Datasheet(HTML) 1 Page - TDK Electronics

  CGA6L4C0G2J153J160AE Datasheet HTML 1Page - TDK Electronics CGA6L4C0G2J153J160AE Datasheet HTML 2Page - TDK Electronics CGA6L4C0G2J153J160AE Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Multilayer Ceramic Chip Capacitors
1 of 3
Creation Date : November 22, 2017 (GMT)
CGA6L4C0G2J153J160AE
新製品
TDK item description CGA6L4C0G2J153JT***S
Applications
Automotive Grade
Feature
Mid
Mid Voltage (100 to 630V)
Soft
Soft Termination
AEC-Q200
AEC-Q200
Series
CGA6(3225) [EIA 1210]
Status
Production
Size
Length(L)
3.20mm +0.50,-0.40mm
Width(W)
2.50mm ±0.30mm
Thickness(T)
1.60mm +0.30,-0.20mm
Terminal Width(B)
0.20mm Min.
Terminal Spacing(G)
Recommended Land Pattern (PA)
2.00mm to 2.40mm
Recommended Land Pattern (PB)
1.00mm to 1.20mm
Recommended Land Pattern (PC)
1.90mm to 2.50mm
Electrical Characteristics
Capacitance
15nF ±5%
Rated Voltage
630VDC
Temperature Characteristic
C0G(0±30ppm/°C)
Q (Min.)
1000
Insulation Resistance (Min.)
10000MΩ
Other
Soldering Method
Reflow
AEC-Q200
Yes
Packing
Blister (Plastic)Taping [180mm Reel]
Package Quantity
2000pcs
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - CGA6L4C0G2J153J160AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA6L4C0G2J153J160AA TDK-CGA6L4C0G2J153J160AA Datasheet
133Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
More results

Similar Description - CGA6L4C0G2J153J160AE

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com