Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-33SXC-RMS Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # CCP-33SXC-RMS
Description  Commercial Latching SPDT, DC-3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-33SXC-RMS Datasheet(HTML) 2 Page - Willow Technologies Ltd

  CCP-33SXC-RMS Datasheet HTML 1Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 2Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 3Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 4Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 5Page - Willow Technologies Ltd CCP-33SXC-RMS Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCP-33S Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-33S\072013\Q3
Series CCP-33S
Low PIM, Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR LATCHING SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
11
1
22
2
3
C
C
Common
Common
41
1
52
2
6Vsw
Vsw
7A
A
8B
B
9C
C
TRUTH TABLE (with TTL option)
Logic Input
RF Path
Indicator
(if applicable)
12
IN
to 1
IN
to 2
AB
00
No Change
10
On
Off
C
0
01
Off
On
0
C
11
Forbidden
P/N:
VOLTAGE:
VDC
D/C:
M/O:
RoHS
MADE IN
TELEDYNE COAX
SWITCHES
J1
J2
JC


Similar Part No. - CCP-33SXC-RMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-33SXC-RMS TELEDYNE-CCP-33SXC-RMS Datasheet
382Kb / 6P
   Latching SPDT Coaxial Switch
More results

Similar Description - CCP-33SXC-RMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CRT-40 TELEDYNE-CRT-40 Datasheet
903Kb / 5P
   DC–40 GHz, Terminated Latching SPDT Coaxial Switch
03/2023
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
   GaAs DC-3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
   GaAs DC-3 GHz SPDT Switch
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
   GaAs SPDT Switch DC - 3 GHz
logo
Hexawave, Inc
HWS408 HW-HWS408 Datasheet
77Kb / 2P
   GaAs DC-3 GHz SPDT Switch
logo
Pasternack Enterprises,...
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com