Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-38SX40-D Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # CCP-38SX40-D
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-38SX40-D Datasheet(HTML) 3 Page - Willow Technologies Ltd

  CCP-38SX40-D Datasheet HTML 1Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 2Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 3Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 4Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 5Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 6Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 7Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 8Page - Willow Technologies Ltd CCP-38SX40-D Datasheet HTML 9Page - Willow Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-38S Page 3
CCP-38S\072013\Q3
Series CCP-38S
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
15-PIN D-MICRO CONNECTOR
CONNECTOR PINOUT FOR NORMALLY OPEN SP3T MULTI-THROW SWITCHES
EXAMPLE
CCP-38S130-S
CCP-38S13C-S
CCP-38S130-TS
CCP-38S13C-TS
CCP-38S130-TDS
CCP-38S13C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
9-PIN
9-PIN
9-PIN
9-PIN
9-PIN
1PORT 1PORT 1PORT 1PORT 1LOGIC 1LOGIC 1
2PORT 2PORT 2PORT 2PORT 2LOGIC 2LOGIC 2
3PORT 3PORT 3PORT 3PORT 3
4E INDICATOR
E INDICATOR
E INDICATOR
5F INDICATOR
F INDICATOR
F INDICATOR
6G INDICATOR
G INDICATOR
G INDICATOR
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8VSW
VSW
VSW
VSW
9D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
CONNECTOR PINOUT FOR NORMALLY OPEN SP4T MULTI-THROW SWITCHES
EXAMPLE
CCP-38S140-S
CCP-38S14C-S
CCP-38S140-TS
CCP-38S14C-TS
CCP-38S140-TDS
CCP-38S14C-TDS
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS & TTL
YES
YES
PIN NO.
9-PIN
15-PIN
9-PIN
15-PIN
9-PIN
15-PIN
1PORT 1PORT 1
TTL 1
TTL 1
LOGIC 1LOGIC 1
2PORT 2PORT 2
TTL 2
TTL 2
LOGIC 2LOGIC 2
3PORT 3PORT 3
TTL 3
TTL 3
LOGIC 3LOGIC 3
4PORT 4PORT 4
TTL 4
TTL 4
5
6
7COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8VSW
VSW
VSW
VSW
9D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
10
N
/A
E INDICATOR
N
/A
E INDICATOR
N
/A
E INDICATOR
11
F INDICATOR
F INDICATOR
F INDICATOR
12
G INDICATOR
G INDICATOR
G INDICATOR
13
H INDICATOR
H INDICATOR
H INDICATOR
14
15
9-PIN D-SUB CONNECTOR
1
6


Similar Part No. - CCP-38SX40-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-38SX40-D TELEDYNE-CCP-38SX40-D Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX40-DM TELEDYNE-CCP-38SX40-DM Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-38SX40-D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com