Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB15SKW01-5D-JB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB15SKW01-5D-JB
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB15SKW01-5D-JB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB15SKW01-5D-JB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5D-JB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5D-JB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5D-JB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5D-JB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5D-JB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series HB
Subminiature Pushbuttons
D15
D
www.nkkswitches.com
SHAPES & PANEL CUTOUT
HOUSING
CONTACT MATERIALS, RATINGS, & TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes:
Switch is marked with NO, NC, C, L.
LED circuit is isolated and requires
external power source.
SP
HB15
*HB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
S
.354” (9.0mm) Square
The bezel is an integral
part of the switch body.
.354” (9.0mm) Round
Panel Cutout & Mounting
Recommended Panel Thickness:
.020 ~ .197” (0.5 ~ 5.0mm)
Silver Contacts
Power Level
0.1A maximum @ 30V AC/DC
W01
K
Housing available in black only.
C
* When in latchdown position for the alternate circuit, cap position is .051” (1.3mm) above the built-in bezel.
POLES & CIRCUITS
1
32
(COM)
(+)
(-)
The bezel is an integral
part of the switch body.
(8.0) Dia
.315
Overtightening the mounting nut AT073
may damage the switch housing.
(5.0)
.197
(1.8)
.071
(1.0)
.039
(2.0)
.079
Thk = (0.3)
.012
Solder Lug
PCB Mounting
Solder lug terminals are spaced
.100” x .200” (2.54mm x 5.08mm).
This enables PCB mounting which can be
accomplished by elongating PC board
holes to .080” (2.03mm).


Similar Part No. - HB15SKW01-5D-JB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-5D-JB NKK-HB15SKW01-5D-JB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5D-JB NKK-HB15SKW01-5D-JB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-5D-JB ETC2-HB15SKW01-5D-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB15SKW01-5D-JB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com