Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2770 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2770
Description  15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2770 Datasheet(HTML) 1 Page - Texas Instruments

  TAS2770 Datasheet HTML 1Page - Texas Instruments TAS2770 Datasheet HTML 2Page - Texas Instruments TAS2770 Datasheet HTML 3Page - Texas Instruments TAS2770 Datasheet HTML 4Page - Texas Instruments TAS2770 Datasheet HTML 5Page - Texas Instruments TAS2770 Datasheet HTML 6Page - Texas Instruments TAS2770 Datasheet HTML 7Page - Texas Instruments TAS2770 Datasheet HTML 8Page - Texas Instruments TAS2770 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
SDOUT
FSYNC
SBCLK
OUT_P
OUT_N
Class-D
Amplifier
with
IV-Sense
VREG
SDZ
DAC
System
Interface
+
Limiter
4.5-16 V
SAR
ADC
TMP SNS
Pop/Click
Over Current
Over Temp
Protection
SDIN
IV-SNS
ADCs
SDA
SCL
IRQZ
VSNS_P
VSNS_N
BST_P
BST_N
MODE
fb
fb
VREG
1.8 V
1.8 V
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TAS2770
SLASEM6 – OCTOBER 2017
TAS2770 15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
1
1 Features
1
High-Performance Mono Class-D Amplifier
20-W Peak at 1% THD+N (4 Ω, 16 V)
15-W at 1 % THD+N (4 Ω, 12.6 V)
14.2-W 0.1 % THD+N (4 Ω, 12.6 V)
9-W at 1 % THD+N (8 Ω, 12.6 V)
8.2-W at 0.1 % THD+N (4 Ω, 8.4 V)
6.2-W at 0.1 % THD+N (4 Ω, 8.4 V)
3.6-W at 0.1 % THD+N (8 Ω, 8.4 V)
0.03 % THD+N at 1 W (4 Ω, VBAT = 12.6 V)
32-µVrms A-Weighted Idle Channel noise
90-dB PSRR with 200 mVPP Ripple at 20 - 20 kHz
80% Efficiency at 1 W (4 Ω, VBAT = 12.6 V)
< 1 µA HW Shutdown VBAT Current
42 mW / 63 mW Idle Dissipation (8.4 V / 12.6 V)
Speaker Voltage and Current Sense
Real-Time Diagnostics Using I/V Speaker Sense
Over Current
Short Circuit(short to power, short to ground
and terminal-to-terminal short)
Over-Temperature
VBAT Tracking Peak Voltage Limiter with Brown
Out Prevention
44.1-kHz to 192-kHz Sample Rates
Flexible User Interfaces
I2S/TDM: 8 Channels (32-bit / 96 kHz)
I2C: 8 selectable Addresses
MCLK Free Operation
Low Pop and Click
Power Supplies
VBAT: 4.5 V to 16 V
AVDD: 1.8 V
Spread-Spectrum Low EMI Mode
Thermal and Over Current Protection
26-pin, 0.4-mm pitch, 3.5 mm × 4 mm QFN (RJQ)
Package
2 Applications
Laptop Computers
Bluetooth Speakers
Home Automation
Smart Speakers/IoT
3 Description
The TAS2770 is a mono, digital input Class-D audio
amplifier optimized for efficiently driving high peak
power into small loudspeakers. The Class-D amplifier
is capable of delivering 14.2 W of peak power into a
4-Ω load while sustaining 11.6 W continuously with
less than 0.03 % THD+N at a battery voltage of 12.6
V.
Integrated
speaker
voltage
and
current
sense
provides for real time monitoring of loudspeaker
behavior. A battery tracking peak voltage limiter with
brown out prevention optimizes amplifier headroom
over the entire charge cycle of 2S or 3S battery
systems.
Up to eight devices can share a common bus via
either I2S/TDM + I2C.
The TAS2770 device is available in a 26-pin, 0.4-mm
pitch QFN for a compact PCB footprint.
Table 1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS2770
QFN
3.5 mm × 4 mm
TAS2770
DSBGA
2 mm × 2.52 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Functional Block Diagram


Similar Part No. - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI-TAS2770 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQR TI1-TAS2770RJQR Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770RJQR TI-TAS2770RJQR Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQT TI1-TAS2770RJQT Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
More results

Similar Description - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
   16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com