Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2770 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2770
Description  15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2770 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2770 Datasheet HTML 7Page - Texas Instruments TAS2770 Datasheet HTML 8Page - Texas Instruments TAS2770 Datasheet HTML 9Page - Texas Instruments TAS2770 Datasheet HTML 10Page - Texas Instruments TAS2770 Datasheet HTML 11Page - Texas Instruments TAS2770 Datasheet HTML 12Page - Texas Instruments TAS2770 Datasheet HTML 13Page - Texas Instruments TAS2770 Datasheet HTML 14Page - Texas Instruments TAS2770 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
11
TAS2770
www.ti.com
SLASEM6 – OCTOBER 2017
Product Folder Links: TAS2770
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = 25 °C, VBAT = 12.6 V, AVDD = IOVDD = 1.8 V, RL = 4 Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain = 21 dBV, SDZ =
1, Measured filter free using Parameter Measurement Information (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Limiter minimum threshold
2
14.7 V
Limiter inflection point
2
14.7 V
Limiter VBAT tracking slope
1
4 V/V
Limiter max attenuation
1
16.5 dB
Limiter latency
Time from VBAT dipping below
threshold to initial gain reduction
23 µs
Limiter attack rate
5
640 µs/step
Limiter attack step size
0.25
2 dB/step
Limiter hold time
0
1000 ms
Limiter release rate
10
1500 ms/step
Limiter release step size
0.25
2 dB/step
BROWN OUT PREVENTION LIMITER
Brownout prevention threshold
4.5
10.875 V
Brownout prevention threshold step
size
25
mV
Brownout prevention threshold
tolerance
Measured at VBAT of 5V and 10V
-25
25 mV
Brownout prevention latency
Time from VBAT dipping below
threshold to initial gain reduction
10 µs
Brownout prevention attack rate
5
640 µs/step
Brownout prevention attack step size
0.5
2 dB/step
Brownout prevention hold time
0
1000 ms
Brownout prevention release rate
10
1500 ms/step
Brownout prevention release step
size
0.25
2 dB/step


Similar Part No. - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI-TAS2770 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQR TI1-TAS2770RJQR Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770RJQR TI-TAS2770RJQR Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQT TI1-TAS2770RJQT Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
More results

Similar Description - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
   16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com