Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760MTDAPQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MTDAPQ1
Description  2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MTDAPQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5760MTDAPQ1 Datasheet HTML 2Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 3Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 4Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 5Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 6Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 7Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 8Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 9Page - Texas Instruments TAS5760MTDAPQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
6
TAS5760M-Q1
SLOS988 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TAS5760M-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Master Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMCLK
Allowable MCLK Duty Cycle
45%
50%
55%
fMCLK
Supported MCLK Frequencies
Values include: 128, 192, 256,
384, 512.
128
512
fS
6.7 Serial Audio Port
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSCLK
Allowable SCLK Duty Cycle
45%
50%
55%
Required LRCK to SCLK Rising Edge
15
ns
tHLD
Required SDIN Hold Time after SCLK
Rising Edge
15
ns
tsu
Required SDIN Setup Time before SCLK
Rising Edge
15
ns
fS
Supported Input Sample Rates
Sample rates above 48kHz
supported by "double speed
mode," which is activated
through the I²C control port
32
96
kHz
fSCLK
Supported SCLK Frequencies
Values include: 32, 48, 64
32
64
fS
6.8 Protection Circuitry
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERTHRES(PVDD)
PVDD Overvoltage Error Threshold
PVDD Rising
28
V
OVEFTHRES(PVDD)
PVDD Overvoltage Error Threshold
PVDD Falling
27.3
V
UVEFTHRES(PVDD)
PVDD Undervoltage Error (UVE)
Threshold
PVDD Falling
3.95
V
UVERTHRES(PVDD)
PVDD UVE Threshold (PVDD Rising)
PVDD Rising
4.15
V
OTETHRES
Overtemperature Error (OTE)
Threshold
150
°C
OTEHYST
Overtemperature Error (OTE)
Hysteresis
15
°C
OCETHRES
Overcurrent Error (OCE) Threshold for
each BTL Output
PVDD= 15V, TA = 25 °C
7
A
DCETHRES
DC Error (DCE) Threshold
PVDD= 12V, TA = 25 °C
2.6
V
TSPK_FAULT
Speaker Amplifier Fault Time Out
period
DC Detect Error
650
ms
OTE or OCP Fault
1.3
s
(1)
The digital boost block contributes +6dB of gain to this value. The audio signal must be kept below -6dB to avoid clipping the digital
audio path.
6.9 Speaker Amplifier in All Modes
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AV00
Speaker Amplifier Gain with
SPK_GAIN[1:0] Pins = 00
Hardware Control Mode
(Additional gain settings
available in Software Control
Mode)(1)
25.2
dBV
AV01
Speaker Amplifier Gain with
SPK_GAIN[1:0] Pins = 01
Hardware Control Mode
(Additional gain settings
available in Software Control
Mode)(1)
28.6
dBV


Similar Part No. - TAS5760MTDAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760MTDAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI1-TAS5756M Datasheet
3Mb / 104P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
logo
Analog Devices
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
   Digital Input 2 W Class-D Audio Power Amplifier
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
   31 W, Filterless, Class-D Digital Input Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com