Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD1410DGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THVD1410DGKR
Description  3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THVD1410DGKR Datasheet(HTML) 4 Page - Texas Instruments

  THVD1410DGKR Datasheet HTML 1Page - Texas Instruments THVD1410DGKR Datasheet HTML 2Page - Texas Instruments THVD1410DGKR Datasheet HTML 3Page - Texas Instruments THVD1410DGKR Datasheet HTML 4Page - Texas Instruments THVD1410DGKR Datasheet HTML 5Page - Texas Instruments THVD1410DGKR Datasheet HTML 6Page - Texas Instruments THVD1410DGKR Datasheet HTML 7Page - Texas Instruments THVD1410DGKR Datasheet HTML 8Page - Texas Instruments THVD1410DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1
R
8
VCC
2
RE
7
B
3
DE
6
A
4
D
5
GND
Not to scale
1
R
8
VCC
2
RE
7
B
3
DE
6
A
4
D
5
GND
Not to scale
1
R
8
VCC
2
RE
7
B
3
DE
6
A
4
D
5
GND
Not to scale
4
THVD1410
THVD1450, THVD1451, THVD1452
SLLSEY3 – NOVEMBER 2017
www.ti.com
Product Folder Links: THVD1450
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
THVD1410, THVD1450 Devices
8-Pin D Package (SOIC)
Top View
THVD1410, THVD1450 Devices
8-Pin DGK Package (VSSOP)
Top View
THVD1450 Device
8-Pin DRB Package (VSON)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
D
DGK
DRB
A
6
6
6
Bus input/outpit
Bus I/O port, A (complementary to B)
B
7
7
7
Bus input/output
Bus I/O port, B (complementary to A)
D
4
4
4
Digital input
Driver data input
DE
3
3
3
Digital input
Driver enable, active high (2 MΩ internal pull-down)
GND
5
5
5
Ground
Device ground
R
1
1
1
Digital output
Receive data output
VCC
8
8
8
Power
3.3-V to 5-V supply
RE
2
2
2
Digital input
Receiver enable, active low (2 MΩ internal pull-up)


Similar Part No. - THVD1410DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410DGKR TI1-THVD1410DGKR Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410DGKR TI1-THVD1410DGKR Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
More results

Similar Description - THVD1410DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1400 TI-THVD1400_V01 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
THVD1400 TI-THVD1400 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406 Datasheet
1Mb / 30P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹8-kV IEC ESD Protection
THVD1406 TI-THVD1406_V01 Datasheet
1Mb / 29P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
THVD1406 TI-THVD1406_V02 Datasheet
2Mb / 32P
[Old version datasheet]   THVD1406, THVD1426 3.3-V to 5-V RS-485 Transceivers with Auto-direction Control and 짹12-kV IEC ESD Protection
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com