Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IES-1062FX-SS-SC Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IES-1062FX-SS-SC
Description  Industrial 8-port unmanaged Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-1062FX-SS-SC Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IES-1062FX-SS-SC Datasheet HTML 1Page - ORing Industrial Networking Corp IES-1062FX-SS-SC Datasheet HTML 2Page - ORing Industrial Networking Corp IES-1062FX-SS-SC Datasheet HTML 3Page - ORing Industrial Networking Corp IES-1062FX-SS-SC Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
www.oring-networking.com
1-266
Available
Model
Model Name
Description
IES-1080
Industrial 8-port unmanaged Ethernet switch with 8x10/100Base-T(X)
IES-1062GT
Industrial 8-port unmanaged Ethernet switch with 6x10/100Base-T(X) and 2x10/100/1000Base-T(X)
IES-1062FX-MM-SC
Industrial 8-port unmanaged Ethernet switch with 6x10/100Base-T(X) and 2x100Base-FX, multi-mode,
2km/1310nm, SC connector
IES-1062FX-SS-SC
Industrial 8-port unmanaged Ethernet switch with 6x10/100Base-T(X) and 2x100Base-FX, single-mode,
30km/1310nm, SC connector
IES-1062GF-MM-SC
Industrial 8-port unmanaged Ethernet switch with 6x10/100Base-T(X) and 2x1000Base-SX, multi-mode,
550m/850nm, SC connector
IES-1062GF-SS-SC
Industrial 8-port unmanaged Ethernet switch with 6x10/100Base-T(X) and 2x1000Base-LX, single-mode,
10km/1310nm, SC connector
Packing List
IES-1080 / 1062 series
DIN-Rail Kit
Wall-mount Kit
Quick Installation Guide
Optional Accessories
DR-45 series, 45W DIN-Rail power supply
DR-75 series, 75W DIN-Rail power supply
DR-120 series, 120W DIN-Rail power supply
PAA-121000, 12VDC/1000mA 12W Power Adapter with universal 100 to 240VAC input, US plug
PAE-121000, 12VDC/1000mA 12W Power Adapter with universal 100 to 240VAC input, EU plug
SDR-240-48, 240W DIN-Rail power supply
SDR-480-48, 480W DIN-Rail power supply
IES-1 AA B CC - DD - EE
Ordering Information
Code Definition
10/100Base-T(X)
Port Number
Additional Port
Number
Additional Port Type
Fiber Optical Mode
Fiber Optical Connector
Option
- 08: 8 ports
- 06: 6 ports
- 0: 0 port
- 2: 2 ports
- GT: 10/100/1000Base-T(X)
- FX: 100Base-FX
- GF: 1000Base-X
- MM: Multi-mode
- SS: Single-mode
- SC: SC connector
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
v1.41 / Dec, 2011


Similar Part No. - IES-1062FX-SS-SC

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-MM-SC ORING-IES-1041FX-MM-SC Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-SS-SC ORING-IES-1041FX-SS-SC Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1042FX-MM-SC ORING-IES-1042FX-MM-SC Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
More results

Similar Description - IES-1062FX-SS-SC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IES-180-L ORING-IES-180-L Datasheet
757Kb / 3P
   Industrial 8-port unmanaged Ethernet switch
logo
Advantech Co., Ltd.
EKI-2528I-BE ADVANTECH-EKI-2528I-BE Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
EKI-2528-I ADVANTECH-EKI-2528-I Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
EKI-2528-BE ADVANTECH-EKI-2528-BE Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
EKI-2528-AE ADVANTECH-EKI-2528-AE Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
EKI-2528PAI-AE ADVANTECH-EKI-2528PAI-AE Datasheet
377Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-162FX-L ORING-IES-162FX-L Datasheet
832Kb / 3P
   Industrial 8-port unmanaged Ethernet switch
logo
Red Lion Controls. Inc
EB-GT-8ES1EP REDLION-EB-GT-8ES1EP Datasheet
489Kb / 2P
   8 Port IP67 Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IPS-1080-24V ORING-IPS-1080-24V Datasheet
1,019Kb / 3P
   Industrial 8-port unmanaged PoE Ethernet switch
logo
Axiomtek Co., Ltd.
EX35000 AXIOMTEK-EX35000 Datasheet
448Kb / 4P
   Industrial Unmanaged 8-port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com