Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGPS-1080-24V Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IGPS-1080-24V
Description  Industrial 8-port unmanaged Gigabit PoE Ethernet switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-1080-24V Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IGPS-1080-24V Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-1080-24V Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-1080-24V Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-351
1-351
Designed for Rugged Excellence
Dimensions
(Unit=mm)
ORing Switch Model
IGPS-1080-24V
Physical Ports
10/100/1000Base-T(X) Ports in RJ45 with P.S.E.
8
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
IEEE 802.3at compliant PoE specification (up to 30 Watts per port for P.S.E.)
12~24VDC : PoE output 60Watts Max
24~36VDC : PoE output 120Watts Max
MAC Table
2048 MAC addresses
Specifications
Industrial Ethernet Switch DIN-Rail Unmanaged Gigabit PoE Ethernet Switch
v1.21 / Dec, 2011
PoE Pin Assignment
10/100Base-T(X) P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
TD+ with PoE Power input +
#2
TD- with PoE Power input +
#3
RD+ with PoE Power input -
#6
RD- with PoE Power input -
1000Base-T P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
BI_DA+ with PoE Power input +
#2
BI_DA- with PoE Power input +
#3
BI_DB+ with PoE Power input -
#4
BI_DC+
#5
BI_DC-
#6
BI_DB- with PoE Power input -
#7
BI_DD+
#8
BI_DD-


Similar Part No. - IGPS-1080-24V

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-1080-24V-I ORING-IGPS-1080-24V-I Datasheet
624Kb / 5P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
More results

Similar Description - IGPS-1080-24V

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-1080-24V-I ORING-IGPS-1080-24V-I Datasheet
624Kb / 5P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
TGPS-1080-M12-BP2 ORING-TGPS-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
TGPS-1080-M12 ORING-TGPS-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
logo
Advantech Co., Ltd.
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
   5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
   Industrial 10-port unmanaged Gigabit PoE Ethernet switch
IGPS-1042GP-24V ORING-IGPS-1042GP-24V Datasheet
1Mb / 4P
   Industrial 6-port unmanaged Gigabit PoE Ethernet switch
IPS-1080-24V ORING-IPS-1080-24V Datasheet
1,019Kb / 3P
   Industrial 8-port unmanaged PoE Ethernet switch
logo
Axiomtek Co., Ltd.
EX35000 AXIOMTEK-EX35000 Datasheet
448Kb / 4P
   Industrial Unmanaged 8-port Gigabit Ethernet Switch
logo
Contec Co., Ltd
SH-9008AT-POE CONTEC-SH-9008AT-POE Datasheet
313Kb / 2P
   Industrial 8-port unmanaged Gigabit PoE Ethernet Switching HUB
logo
ORing Industrial Networ...
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com