Electronic Components Datasheet Search |
|
CCP-38SX60-TM Datasheet(PDF) 1 Page - Willow Technologies Ltd |
|
CCP-38SX60-TM Datasheet(HTML) 1 Page - Willow Technologies Ltd |
1 / 10 page © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCP-38S Page 1 CCP-38S\072013\Q3 Series CCP-38S Low PIM Multi-Throw DC–3 GHz Normally Open Coaxial Switch COAX SWITCHES PART NUMBER DESCRIPTION CCP-38S Commercial Normally Open Multi-throw, DC-3GHz, Low PIM These switches have extremely low passive intermodulation for use in narrow bandwidth communications applications. The CCP38S is a broadband, multi-throw, electromechanical coaxial switch designed to switch a microwave signal from a common input to any of 3, 4, 5, or 6 outputs. The characteristic impedance is 50 Ohms. The switches are small using the popular connector spacing on a 1.062” dia. circle. Each position has an individual actuator mechanism allowing random position selection. This also gives the minimum switching time. With the normally open actuator, all paths are open when the switch is de-energized. PART NUMBERING SYSTEM For additional options, please contact factory. Actuator Voltage CCP-38 S 1 6 C - T ** Series Connectors Actuator Type Options Number of Positions * D-Sub Connector may be 9 or 15 pin depending on number of throws. (See Connector Pinout page) CONNECTOR ACTUATOR VOLTAGE NUMBER OF POSITIONS ACTUATOR TYPE OPTIONS S : SMA FEMALE 1: 28 VDC NORMALLY OPEN 3: SP3T 0 : NO INDICATOR CONTACTS T : TTL DRIVERS WITH DIODES 2: 15 VDC NORMALLY OPEN 4: SP4TC : INDICATOR CONTACTS D : COIL TRANSIENT SUPPRESSION DIODES 3: 12 VDC NORMALLY OPEN 5: SP5TS : D-SUB CONNECTOR* 4: 24 VDC NORMALLY OPEN 6: SP6TTD : DECODERS AND TTL DRIVERS WITH DIODES **SEE PARTS LIST ON PAGE 10 M : MOISTURE SEAL ELECTRICAL CHARACTERISTICS Form Factor Multi-Throw, break before make Frequency Range DC–3 GHz Characteristic Impedance 50 Ohms Switching Time 15 ms (max.) Actuation Voltage Available 12 15 24 28 V Actuation Current, max. @ ambient 400 205 170 140 mA ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS Operating Temperature –40°C to 65°C Vibration (MIL-STD-202 Method 214, Condition D, non-operating) 10 g’s RMS Shock (MIL-STD-202 Method 213, Condition D, non-operating) 500 g’s Standard Actuator Life 1,000,000 cycles Connector Type SMA Humidity (Moisture Seal) Available Weight 9 oz. (255.2g) (max.) PERFORMANCE CHARACTERISTICS Frequency DC–3 GHz Insertion Loss, dB, max. 0.2 Isolation, dB, min. 70 VSWR , max. 1.25:1 RF Power (cw), W, max. 100 PASSIVE INTERMODULATION CHARACTERISTICS Tone 1 Frequency (MHz) Tone 2 Frequency (MHz) IM3 Frequency (MHz) PIM Threshold (dBc) 1945 1990 1900 -140.0 P1 P2 (dBm) PIM (dBc) PEAK PIM (dBc) 43 -153.9 -144.1 |
Similar Part No. - CCP-38SX60-TM |
|
Similar Description - CCP-38SX60-TM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |