Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGS-150B Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGS-150B
Description  Industrial 5-port mini type unmanaged Gigabit Ethernet switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-150B Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGS-150B Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-150B Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-150B Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.oring-networking.com
1-184
Industrial 5-port mini type unmanaged Gigabit Ethernet switch
with 5x10/100/1000Base-T(X)
IGS-150B
Support auto-negotiation and auto-MDI/MDI-X
Supports Jumbo Frame up to 9.6 K Bytes
Support store and forward transmission
Support flow control
Rigid IP-30 housing design
DIN-Rail and wall mounting enabled
IGS-150B is a mini type unmanaged full gigabit Ethernet switch with 5 x 10/100/1000Base-T(X) ports. IGS-150B supports redundant power input and
rigid mini size IP-30 housing. In addition, the wide operating temperature range from -40oC to 70oC can satisfy most of operating environment.
IGS-150B can be used in connecting several Ethernet devices like Ethernet I/O, IP-Camera or other Ethernet switches. In addition, there are two different
power inputs at terminal block to avoid interruption caused by power down. When the primary DC power input fails, the backup power input will take over
immediately to guarantee a non-stop operation.
Introduction
Practical Operation
Features
Industrial Ethernet Switch DIN-Rail Unmanaged Gigabit Ethernet Switch
v1.0 / Jan, 2014
IGS-150B


Similar Part No. - IGS-150B

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-1041GPA ORING-IGS-1041GPA Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
   Industrial 6-port slim type unmanaged Gigabit Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IGS-1080A ORING-IGS-1080A Datasheet
825Kb / 3P
   Industrial 8-port slim type unmanaged Gigabit Ethernet switch
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
More results

Similar Description - IGS-150B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725 ADVANTECH-EKI-2725 Datasheet
259Kb / 1P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-150B ORING-IES-150B Datasheet
808Kb / 3P
   Industrial 5-port mini type unmanaged Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
   5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-180B ORING-IES-180B Datasheet
683Kb / 3P
   Industrial 8-port mini type unmanaged Ethernet switch
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
   Industrial 6-port slim type unmanaged Gigabit Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com