Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5262B Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # ZD5262B
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5262B Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  ZD5262B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5262B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5262B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5262B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5262B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5262B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5262B Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2005.07.27
Revised Date :2017.09.25
Page No. : 3/7
ZD52XXBSH series
CYStek Product Specification
ZD5252B
K2
24
22.8
25.2
5.2
33
5.2
600
0.25
19.1
0.1
18
ZD5254B
K4
27
25.65 28.35 5.0
41
5.0
600
0.25
16.8
0.1
21
ZD5255B
K5
28
26.6
29.4
4.5
44
4.5
600
0.25
16.2
0.1
21
ZD5256B
M1
30
28.5
31.5
4.2
49
4.2
600
0.25
15.1
0.1
23
ZD5257B
M2
33
31.35 34.65 3.8
58
3.8
700
0.25
13.8
0.1
25
ZD5258B
M3
36
34.2
37.8
3.4
70
3.4
700
0.25
12.6
0.1
27
ZD5259B
M4
39
37.05 40.95 3.2
80
3.2
800
0.25
11.6
0.1
30
ZD5260B
M5
43
40.85 45.15
3
93
3
900
0.25
10.6
0.1
33
ZD5261B
N1
47
44.65 49.35 2.7
105
2.7
1000
0.25
9.6
0.1
36
ZD5262B
N2
51
48.45 53.55 2.5
125
2.5
1100
0.25
8.8
0.1
39
ZD5263B
N3
56
53.20 58.80 2.2
150
2.2
1300
0.25
8.0
0.1
43
ZD5264B
N4
60
57.00 63.00 2.1
170
2.1
1400
0.25
7.5
0.1
46
ZD5265B
N5
62
58.90 65.10 2.0
185
2.0
1400
0.25
7.3
0.1
47
ZD5266B
P1
68
64.60 71.40 1.8
230
1.8
1600
0.25
6.6
0.1
52
ZD5267B
P2
75
71.25 78.75 1.7
270
1.7
1700
0.25
6.0
0.1
56
Recommended Soldering Footprint


Similar Part No. - ZD5262B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5262B CYSTEKEC-ZD5262B Datasheet
445Kb / 7P
   500mW Zener Diode Series
More results

Similar Description - ZD5262B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com