Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGS-9844GPF Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IGS-9844GPF
Description  Industrial 16-port managed Gigabit Ethernet switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-9844GPF Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IGS-9844GPF Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-9844GPF Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-9844GPF Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-9844GPF Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-9844GPF Datasheet HTML 5Page - ORing Industrial Networking Corp IGS-9844GPF Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-127
1-127
Designed for Rugged Excellence
v1.0a Jan, 2013
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.3z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8K
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 32Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range : 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
Https / SSH enhance network security
Jumbo frame
Up to 9.6K Bytes
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Software Features
STP/RSTP/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/Relay
SMTP Client
Modbus TCP
Network Redundancy
O-Ring
Open-Ring O-Chain
MRP*NOTE MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1
LED Indicators
Power Indicator(PWR)
Green : Power LED x 2
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Specifications
ORing Switch Model
IGS-9844GPF-MM
IGS-9844GPFX-MM
IGS-9844GPF-SS
IGS-9844GPFX-SS
Physical Ports
10/100/1000Base-T(X) Ports in RJ45 Auto MDI/MDIX
8
8
8
8
100/1000Base-X with SFP port
4
4
4
4
Fiber Ports Specifications
Fiber Ports Number
8
8
8
8
Fiber Ports Standard
1000Base-SX
100Base-FX
1000Base-LX
100Base-FX
Fiber Mode
Multi-mode
Multi-mode
Single-mode
Single-mode
Fiber Diameter (µm)
62.5/125 µm
50/125 µm
62.5/125 µm
50/125 µm
9/125 µm
9/125 µm
Fiber Optical Connector
SC
SC
SC
SC
Typical Distance (km)
0.55 km
2 km
10 km
30 km
Wavelength (nm)
850 nm
1310 nm
1310 nm
1310 nm
Max. Output Optical
Power (dBm)
-4 dBm
-14 dBm
-3 dBm
-8 dBm
Min. Output Optical
Power (dBm)
-9.5 dBm
-23.5 dBm
-9.5 dBm
-15 dBm
Max. Input Optical Power
(Saturation)
0 dBm
0 dBm
-3 dBm
0 dBm
Min. Input Optical Power
(Sensitivity)
-18 dBm
-31 dBm
-20 dBm
-34 dBm
Link Budget (dB)
8.5 dB
7.5 dB
10.5 dB
19 dB
*NOTE: This function is available by request only


Similar Part No. - IGS-9844GPF

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
More results

Similar Description - IGS-9844GPF

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
   Industrial 24-port managed Gigabit Ethernet switch
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
   Industrial 8-port managed Gigabit Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
   Industrial 12-port managed Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
   Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
   Industrial 8-port managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-3032GC ORING-IGS-3032GC Datasheet
1Mb / 4P
   Industrial 5-port managed Gigabit Ethernet switch
IGS-9042GP ORING-IGS-9042GP Datasheet
579Kb / 6P
   Industrial 6-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
RGS-92222GCP-NP ORING-RGS-92222GCP-NP Datasheet
1Mb / 6P
   Industrial 26-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com