Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGS-P9812GP-HV_UK Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IGS-P9812GP-HV_UK
Description  Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-P9812GP-HV_UK Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IGS-P9812GP-HV_UK Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-P9812GP-HV_UK Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-P9812GP-HV_UK Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-P9812GP-HV_UK Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-P9812GP-HV_UK Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
www.oring-networking.com
1-194
ORing's switches are intelligent switches. Different from other traditional redundant switches, ORing provides a set of Windows utility (Open-Vision) for user to
manage and monitor all of industrial Ethernet switches on the industrial network.
Open-Vision
Dimensions
(Unit=mm)
115.0
Dimension (Unit =mm)
IGS-P9812GP-HV
PWR
PWR1
PWR2
87.0
R2.5
R3.95
87.9
Fail
Close
Fail
Open
V-/N
V+/L
V-/N
V+/L
Relay
PWR1
PWR2
159.0
10/100/1000T
G8
G6
G4
G2
G12
G11
G10
G9
100/1000X
G7
G5
G3
G1
G13
G14
G15
G16
G17
G18
G19
G20
100/1000X
IGS-P9812GP-LV
PWR
PWR1
PWR2
10/100/1000T
G8
G6
G4
G2
G12
G11
G10
G9
100/1000X
G7
G5
G3
G1
G13
G14
G15
G16
G17
G18
G19
G20
100/1000X
Relay
PWR1
V1-
V1+
V1-
V2+
PWR2
Fail
Close
Fail
Open
Commander
TopologyView
Host Monitor
ORing Switch Model
IGS-P9812GP-LV
IGS-P9812GP-HV
Physical Ports
10/100/1000Base-T(X) Ports in RJ45 Auto MDI/MDIX
8
100/1000Base-X with SFP port
12
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8k
Priority Queues
8
Specifications
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Sep, 2015


Similar Part No. - IGS-P9812GP-HV_UK

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9164FX-MM-SC-HV_EU ORING-IGS-P9164FX-MM-SC-HV_EU Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9164FX-MM-SC-HV_JP ORING-IGS-P9164FX-MM-SC-HV_JP Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9164FX-MM-SC-HV_UK ORING-IGS-P9164FX-MM-SC-HV_UK Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9164FX-MM-SC-HV_US ORING-IGS-P9164FX-MM-SC-HV_US Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
More results

Similar Description - IGS-P9812GP-HV_UK

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com