Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-P9000 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RGS-P9000
Description  Gigabit Ethernet switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9000 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RGS-P9000 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
www.oring-networking.com
1-84
Industrial Ethernet Switch Rack-Mount Managed Gigabit Ethernet Switch
v2.0a / Aug, 2017
Power Generation
SCADA
SCADA
RGS-P9000
SCADA
IGS-7084GCP
IGS-7084GCP
PLC
PLC
PLC
O-Ring
Control Center
Control Center
Control Center
PLC
IP Camera
IGPS-1041GTPA
IDS-5042
IGS-7084GCP
IGS-7084GCP
Transmission
Distribution
IMG-111 IDS-5011-WG
Smart Metering
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring redundant
ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover technology.
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy topology for any backbone
network, O-Chain allows multiple redundant network rings of different redundancy protocols to join and function together as a larger and more robust
compound network topology. O-Chain providing ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness
in one set of network redundancy topology.
MRP*NOTE 1 : Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows rings of Ethernet switches to
overcome any single failure with recovery time much faster than achievable with Spanning Tree Protocol.
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest priority for data stream according to
TCP/UDP port number.
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address to access the network. Hacker
cannot access the IP surveillance network without permission. It can avoid hacker from stealing video privacy data and attacking IP camera, NVR and
controllers.
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there is any IP flow become big in short
time, the switch will lock the source IP address for certain time to prevent the attack. It's hardware based prevention so it can prevent DOS/DDOS attack
immediately and completely.
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and backplane Ethernet family of networking standards
that will allow for less power consumption during periods of low data activity. The intention was to reduce power consumption by 50% or more.
IEEE 1588v2 Technology : The IEEE 1588v2 technology can fulfill precision time synchronization requirements for protection and control applications.
Modular Designed : Modular designed can makes network planning easy and allow greater flexibility by letting you install other Ethernet/Optical fiber
modular.
*NOTE 1 : This function is available by request only


Similar Part No. - RGS-P9000

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160FXM1-MM-SC-HV_EU ORING-RGS-P9160FXM1-MM-SC-HV_EU Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-MM-SC-HV_UK ORING-RGS-P9160FXM1-MM-SC-HV_UK Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-MM-SC-HV_US ORING-RGS-P9160FXM1-MM-SC-HV_US Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-MM-SC-LV ORING-RGS-P9160FXM1-MM-SC-LV Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-SS-SC-HV_UK ORING-RGS-P9160FXM1-SS-SC-HV_UK Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
   Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
logo
Pepperl+Fuchs Inc.
ICRL-U-5RJ45-G-DIN PF-ICRL-U-5RJ45-G-DIN Datasheet
579Kb / 4P
   Ethernet switch unmanaged gigabit
logo
Red Lion Controls. Inc
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
   Managed Gigabit Ethernet Switch
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
   Gigabit Ethernet Switch Port Controller
logo
Red Lion Controls. Inc
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
   Gigabit Ethernet Switch - 5 Port
logo
Weidmuller
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
   Network switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com