Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA2022IRUGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLA2022IRUGT
Description  Cost-Optimized, Ultra-Small, 12-Bit, System-Monitoring ADCs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLA2022IRUGT Datasheet(HTML) 4 Page - Texas Instruments

  TLA2022IRUGT Datasheet HTML 1Page - Texas Instruments TLA2022IRUGT Datasheet HTML 2Page - Texas Instruments TLA2022IRUGT Datasheet HTML 3Page - Texas Instruments TLA2022IRUGT Datasheet HTML 4Page - Texas Instruments TLA2022IRUGT Datasheet HTML 5Page - Texas Instruments TLA2022IRUGT Datasheet HTML 6Page - Texas Instruments TLA2022IRUGT Datasheet HTML 7Page - Texas Instruments TLA2022IRUGT Datasheet HTML 8Page - Texas Instruments TLA2022IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
TLA2021, TLA2022, TLA2024
SBAS846 – NOVEMBER 2017
www.ti.com
Product Folder Links: TLA2021 TLA2022 TLA2024
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Specifications
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Power-supply voltage
VDD to GND
–0.3
7
V
Analog input voltage
AIN0, AIN1, AIN2, AIN3
GND – 0.3
VDD + 0.3
Digital input voltage
SDA, SCL, ADDR
GND – 0.3
7
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
–40
125
°C
Storage, Tstg
–60
125
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
AINP and AINN denote the selected positive and negative inputs. On the TLA2024, AINx denotes one of the four available analog inputs.
(2)
This parameter expresses the full-scale range of the ADC scaling. No more than VDD + 0.3 V or 5.5 V (whichever is smaller) must be
applied to this device. See the Full-Scale Range (FSR) and LSB Size section more information.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD to GND
2
5.5
V
ANALOG INPUTS(1)
FSR
Full-scale input voltage range(2)
(VIN = VAINP – VAINN)
±0.256
±6.144
V
V(AINx)
Absolute input voltage
GND
VDD
V
DIGITAL INPUTS
Digital input voltage
GND
5.5
V
TEMPERATURE
TA
Operating ambient temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TLA202x
UNIT
RUG (X2QFN)
10 PINS
RθJA
Junction-to-ambient thermal resistance
245.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.3
°C/W
RθJB
Junction-to-board thermal resistance
172.0
°C/W
ψJT
Junction-to-top characterization parameter
8.2
°C/W
ψJB
Junction-to-board characterization parameter
170.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - TLA2022IRUGT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA2276 FILTRAN-TLA2276 Datasheet
51Kb / 1P
   Audio Hybrid Transformer
logo
Texas Instruments
TLA2518 TI1-TLA2518 Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTER TI1-TLA2518IRTER Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2518IRTET TI1-TLA2518IRTET Datasheet
416Kb / 32P
[Old version datasheet]   TLA2518 Small, 8-Channel, 12-Bit ADC With SPI Interface and GPIOs
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results

Similar Description - TLA2022IRUGT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
   12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com