Electronic Components Datasheet Search |
|
IGS-P9164GF-MM-SC-HV_JP Datasheet(PDF) 1 Page - ORing Industrial Networking Corp |
|
IGS-P9164GF-MM-SC-HV_JP Datasheet(HTML) 1 Page - ORing Industrial Networking Corp |
1 / 7 page 1-197 1-197 Designed for Rugged Excellence Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch IGS-P9164 Series IGS-P9164 series are IEC 61850-3 managed redundant ring Ethernet switches. These switches are designed for power substation application and rolling stock application, fully compliant with the requirement of IEC 61850-3 and IEEE 1613. IGS-P9164GF series are IEC 61850-3 managed redundant ring Ethernet switch with 16x10/100/1000Base-T(X) ports and 4x1000Base-X optical fiber port with SC connector. IGS-P9164GFX series are IEC 61850- 3 managed redundant ring Ethernet switch with 16x10/100/1000Base-T(X) ports and 4x100Base-FX optical fiber port with SC connector. IGS-P9164GC series are IEC 61850-3 managed redundant ring Ethernet switch with 16x10/100/1000Base-T(X) ports and 4xGigabit combo ports with SFP socket. With completely support of Ethernet Redundancy protocol, O-Ring (recovery time < 30ms over 250 units of connection) and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network interruptions or temporary malfunctions with its fast recovery technology. And support wide operating temperature from -40 oC to 75 oC. IGS-P9164GF(X) series can also be managed centralized and convenient by Open-Vision, Except the Web-based interface, Telnet and console (CLI) configuration. Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet application. ▪ O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring r edundant ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover technology. Features Introduction Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch v1.0a Jul, 2015 IGS-P9164 Series *NOTE: This function is available by request only ▪ Designed for power substation / Railway application and fully compliant with the requirement of IEC 61850-3 and IEEE 1613 ▪ Support O-Ring (recovery time < 30ms over 250 units of connection) and MSTP(RSTP/STP compatible) for Ethernet Redundancy ▪ Open-Ring support the other vendor's ring technology in open architecture ▪ O-Chain allow multiple redundant network rings ▪ Support standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function ▪ Support IEEE 1588v2 clock Synchronization ▪ Support IPV6 new internet protocol version ▪ Support Modbus TCP protocol ▪ Provided HTTPS/SSH protocol to enhance network security ▪ Support IEEE 802.3az Energy-Efficient Ethernet technology ▪ Support SMTP client and NTP server protocol ▪ Support IP-based bandwidth management ▪ Support application-based QoS management ▪ Support Device Binding security function ▪ Support DOS/DDOS auto prevention ▪ IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic ▪ Support SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management ▪ Support ACL, TACACS+ and 802.1x User Authentication for security ▪ Support 9.6K Bytes Jumbo Frame ▪ Support DBU-01 backup unit to quickly backup/restore configuration ▪ Multiple notification for warning of unexpected event ▪ Support DBU-01 backup unit device to quickly backup/restore configuration ▪ Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration ▪ Support LLDP Protocol ▪ Rigid IP-30 housing design ▪ DIN-Rail and wall mounting enabled |
Similar Part No. - IGS-P9164GF-MM-SC-HV_JP |
|
Similar Description - IGS-P9164GF-MM-SC-HV_JP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |