Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6C5816-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC6C5816-Q1
Description  Power Logic 16-Bit Shift Register LED Driver With Diagnostics
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6C5816-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC6C5816-Q1 Datasheet HTML 6Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 7Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 8Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 9Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 10Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 11Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 12Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 13Page - Texas Instruments TLC6C5816-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
EN
RCK
SER IN
SRCK
SER OUT
DRAIN0
DRAIN1
/DIAG0
DRAIN14
DRAIN15
/DIAG14
VCC
ERR
CLR
G1
G2
GND
TLC6C5816-Q1
Logic
Control
Power
Open Drain
Error Output
Thermal
Shutdown
Driver
Driver
Diagnostics
X 8
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
10
TLC6C5816-Q1
SLASEJ5 – OCTOBER 2017
www.ti.com
Product Folder Links: TLC6C5816-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLC6C5816-Q1 device is a 16-bit shift-register LED driver designed to support automotive LED applications.
A built-in LED-open and LED-short diagnostic mechanism provides enhanced safety protection. The device
contains 16 channels with power DMOS transistor outputs, but 8 of the channels can instead be configured by
the corresponding DIAGn bits in the Configuration register to support LED fault diagnostics. The diagnostics
channels DIAGn must connect to DRAINn to realize LED diagnostics. A command error fault implies that a
channel is configured for LED diagnostics, but a register write command has turned on the channel at the same
time. The device provides a cyclic redundancy check to verify register values in the shift registers. In readback
mode, the device provides 6 bits of the CRC remainder. The MCU can read back the CRC remainder and check
if the remainder is correct. This checks whether the communication loop between MCU and device is good.
7.2 Functional Block Diagram
7.3 Feature Description
The features of the TLC6C5816-Q1 device are described in the following sections. Table 1 describes device
behavior under different conditions.


Similar Part No. - TLC6C5816-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5712-Q1 TI-TLC6C5712-Q1 Datasheet
694Kb / 64P
[Old version datasheet]   TLC6C5712-Q1 12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver With 8-Bit Dot Correction
TLC6C5712-Q1 TI-TLC6C5712-Q1_15 Datasheet
694Kb / 64P
[Old version datasheet]   TLC6C5712-Q1 12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver With 8-Bit Dot Correction
TLC6C5712QPWPRQ1 TI1-TLC6C5712QPWPRQ1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
[Old version datasheet]   Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
More results

Similar Description - TLC6C5816-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C598-Q1 TI1-TLC6C598-Q1_15 Datasheet
1,004Kb / 25P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI1-TLC6C598-Q1_16 Datasheet
528Kb / 24P
[Old version datasheet]   Power Logic 8-Bit Shift Register LED Driver
TLC6C598-Q1 TI-TLC6C598-Q1 Datasheet
927Kb / 20P
[Old version datasheet]   Power Logic 8-BIT SHIFT REGISTER LED DRIVER
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com