Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-92222GCP-NP-E_UK Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # RGS-92222GCP-NP-E_UK
Description  Industrial 26-port managed Gigabit Ethernet switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-92222GCP-NP-E_UK Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  RGS-92222GCP-NP-E_UK Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-92222GCP-NP-E_UK Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-92222GCP-NP-E_UK Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-92222GCP-NP-E_UK Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-92222GCP-NP-E_UK Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-92222GCP-NP-E_UK Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
*NOTE: This function is available by request only
1-63
1-63
Designed for Rugged Excellence
Industrial 26-port managed Gigabit Ethernet switch with
22x10/100/1000Base-T(X), 2xGigabit combo and 2x100/1000Base-X, SFP socket
RGS-92222GCP-NP Series
▪ Support O-Ring (recovery time < 30ms over 250 units of connection) and
MSTP(RSTP/STP compatible) for Ethernet Redundancy
Open-Ring support the other vendor's ring technology in open architecture
O-Chain allow multiple redundant network rings
▪ Support standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function
▪ Support IPV6 new internet protocol version
▪ Support Modbus TCP protocol
▪ Support IEEE 802.3az Energy-Efficient Ethernet technology
▪ Provided HTTPS/SSH protocol to enhance network security
▪ Support SMTP client and NTP server protocol
▪ Support IP-based bandwidth management
▪ Support application-based QoS management
▪ Support Device Binding security function
▪ Support DOS/DDOS auto prevention
▪ IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
▪ Support SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
▪ Support ACL, TACACS+ and 802.1x User Authentication for security
▪ Support 9.6K Bytes Jumbo Frame
▪ SFP socket support DDM function
▪ Multiple notification for warning of unexpected event
▪ Support backup unit device DBU-01 for quickly backup/restore configuration
▪ Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration
▪ Support LLDP Protocol
▪ 19 inches rack mountable design
RGS-92222GCP-NP series are Gigabit managed redundant ring Ethernet switch with 22x10/100/1000Base-T(X) copper ports and 2xGigabit combo ports
and 2x100/1000Base-X SFP ports. These switches support Ethernet Redundancy protocol, O-Ring (recovery time < 30ms over 250 units of connection), Open-
Ring, O-Chain, MRP*NOTE, Fast Recovery and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network interruptions or temporary
malfunctions with its fast recovery technology. RGS-92222GCP-NP series can also be managed centralized and convenient by Open-Vision, Except the Web-based
interface, Telnet and console (CLI) configuration. Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet application.
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring redundant
ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover technology.
Open-Ring : Open-Ring is an enhanced redundant technology that makes ORing's switches compatible with other vendor's proprietary redundant ring
technologies. It enables ORing's switches to form a single ring with other vendor's switch. In cases where the ring is setup using proprietary technology,
ORing offers a compatibility service where ORing can make its switches compatible with your particular network requirements.
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy topology for any backbone network,
O-Chain allows multiple redundant network rings of different redundancy protocols to join and function together as a larger and more robust compound
network topology. O-Chain providing ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness in one set of
network redundancy topology.
Features
Introduction
Industrial Ethernet Switch Rack-Mount Managed Gigabit Ethernet Switch
v1.0a Oct, 2015
RGS-92222GCP-NP Series


Similar Part No. - RGS-92222GCP-NP-E_UK

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_EU ORING-RGS-9168GCP-E_EU Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_JP ORING-RGS-9168GCP-E_JP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_UK ORING-RGS-9168GCP-E_UK Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_US ORING-RGS-9168GCP-E_US Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-92222GCP-NP-E_UK

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
   Industrial 24-port managed Gigabit Ethernet switch
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
   Industrial 8-port managed Gigabit Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
   Industrial 12-port managed Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
   Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
   Industrial 8-port managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-3032GC ORING-IGS-3032GC Datasheet
1Mb / 4P
   Industrial 5-port managed Gigabit Ethernet switch
IGS-9042GP ORING-IGS-9042GP Datasheet
579Kb / 6P
   Industrial 6-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com