Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGS-P9164GF-SS-SC-HV_EU Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # IGS-P9164GF-SS-SC-HV_EU
Description  Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-P9164GF-SS-SC-HV_EU Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 5Page - ORing Industrial Networking Corp IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 6Page - ORing Industrial Networking Corp IGS-P9164GF-SS-SC-HV_EU Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1
www.oring-networking.com
1-202
Available
Model
Model Name
Description
IGS-P9164FX-MM-SC-LV
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, multi-mode,
2Km/1310nm, SC connector, low-voltage power inputs
IGS-P9164FX-SS-SC-LV
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, single-mode,
30Km/1310nm, SC connector, low-voltage power inputs
IGS-P9164FX-MM-SC-HV_US
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, multi-mode,
2Km/1310nm, SC connector, high-voltage power inputs, US power cord
IGS-P9164FX-MM-SC-HV_UK
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, multi-mode,
2Km/1310nm, SC connector, high-voltage power inputs, UK power cord
IGS-P9164FX-MM-SC-HV_EU
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, multi-mode,
2Km/1310nm, SC connector, high-voltage power inputs, EU power cord
IGS-P9164FX-MM-SC-HV_JP
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, multi-mode,
2Km/1310nm, SC connector, high-voltage power inputs, JP power cord
IGS-P9164FX-SS-SC-HV_US
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, single-mode,
30Km/1310nm, SC connector, high-voltage power inputs, US power cord
IGS-P9164FX-SS-SC-HV_UK
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, single-mode,
30Km/1310nm, SC connector, high-voltage power inputs, UK power cord
IGS-P9164FX-SS-SC-HV_EU
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, single-mode,
30Km/1310nm, SC connector, high-voltage power inputs, EU power cord
IGS-P9164FX-SS-SC-HV_JP
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x100Base-FX, single-mode,
30Km/1310nm, SC connector, high-voltage power inputs, JP power cord
IGS-P9164GF-MM-SC-LV
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x1000Base-SX, multi-mode,
550m/850nm, SC connector, low-voltage power inputs
IGS-P9164GF-SS-SC-LV
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x1000Base-LX, single-mode,
10Km/1310nm, SC connector, low-voltage power inputs
IGS-P9164GF-MM-SC-HV_US
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x1000Base-SX, multi-mode,
550m/850nm, SC connector, high-voltage power inputs, US power cord
IGS-P9164GF-MM-SC-HV_UK
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch with 16x10/100/1000Base-T(X) and 4x1000Base-SX, multi-mode,
550m/850nm, SC connector, high-voltage power inputs, UK power cord
IGS-P9 AABCC-FF-GG
Ordering Information
Code Definition
10/100/1000Base-T(X)
Port Number
Additional Port
Number
Additional Port Type
Fiber Optical Mode
Fiber Optical Connector
Option
- 16: 16 ports
- 4: 4 ports
- GF: 1000Base-X optical fiber port
- FX: 100Base-FX optical fiber port
- GC: Gigabit combo port
- MM: Multi-mode
- SS: Single-mode
- SC: SC connector
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jul, 2015
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
MTBF
LV:204,467
HV:300,460
LV:236,923
HV:300,460
LV:224,681
HV:281,040
LV:196,356
HV:238,082
LV:299,365
HV:408,521
Warranty
5 years


Similar Part No. - IGS-P9164GF-SS-SC-HV_EU

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_EU ORING-IGS-P9812GP-HV_EU Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_JP ORING-IGS-P9812GP-HV_JP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_UK ORING-IGS-P9812GP-HV_UK Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP-HV_US ORING-IGS-P9812GP-HV_US Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
More results

Similar Description - IGS-P9164GF-SS-SC-HV_EU

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
   Industrial 20-port managed Gigabit Ethernet switch
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com