Electronic Components Datasheet Search |
|
TLIN2029DRQ1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TLIN2029DRQ1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 39 page LIN Controller or SCI/UART VDD VDD VDD VSUP VSUP VDD I/O EN RXD TXD MCU w/o pullup VSUP MCU GND I/O VREG LIN INH 1 k Ÿ LIN Bus Master Node Pullup 5 6 3 7 8 1 4 2 220 pF VBAT NC NC Copyright © 2017, Texas Instruments Incorporated LIN Controller or SCI/UART VDD VDD VDD VSUP VSUP VDD I/O EN RXD TXD MCU w/o pullup VSUP MCU GND I/O VREG LIN LIN Bus 5 6 3 7 8 1 4 2 220 pF VBAT NC NC Copyright © 2017, Texas Instruments Incorporated Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to change without notice. TLIN2029-Q1 SLLSEY6 – OCTOBER 2017 TLIN2029-Q1 Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout 1 1 Features 1 • AEC-Q100 Qualified for Automotive Applications – Device Temperature: –40°C to 125°C Ambient – Device HBM Certification Level: ±8 kV – Device CDM Certification Level: ±1.5 kV • Complaint to LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A, ISO/DIS 17987–4.2 and IBEE Zwickau • Conforms to SAEJ2602 Recommended Practice for LIN • Supports 12 V and 24 V Applications • LIN Transmit Data Rate up to 20 kbps. • Wide Operating Ranges – 4 V to 48 V Supply Voltage – ±58 V LIN Bus Fault Protection • Sleep Mode: Ultra-Low Current Consumption Allows Wake-Up Event From: – LIN Bus – Local Wake up through EN • Power Up and Down Glitch Free Operation • Protection Features: – Under Voltage Protection on VSUP – TXD Dominant Time Out Protection (DTO) – Thermal Shutdown Protection – Unpowered Node or Ground Disconnection Failsafe at System Level. • Available in SOIC (8) Package and Leadless VSON (8) Package with Improved Automated Optical Inspection (AOI) Capability 2 Applications • Body Electronics and Lighting • Infotainment and Cluster • Hybrid Electric Vehicles and Power Train Systems • Passive Safety • Appliances 3 Description The TLIN2029-Q1 is a Local Interconnect Network (LIN) physical layer transceiver with integrated wake- up and protection features, complaint to LIN 2.0, LIN 2.1, LIN 2.2, LIN 2.2A, ISO/DIS 17987–4.2 and IBEE Zwickau standards. LIN is a single wire bidirectional bus typically used for low speed in-vehicle networks using data rates up to 20 kbps. The TLIN2029-Q1 is designed to support 24 V applications with wider operating voltage and additional bus-fault protection. The LIN receiver supports data rates up to 100 kbps for in-line programming. The TLIN2029-Q1 converts the LIN protocol data stream on the TXD input into a LIN bus signal using a current-limited wave-shaping driver which reduces electromagnetic emissions (EME). The receiver converts the data stream to logic level signals that are sent to the microprocessor through the open-drain RXD pin. Ultra-low current consumption is possible using the sleep mode which allows wake-up via LIN bus or pin. The integrated resistor, ESD and fault protection allows designers to save board space in their applications. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TLIN2029-Q1 SOIC (D) (8) 4.90 mm x 6.00 mm VSON (DRB) (8) 3.00 mm x 3.00 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Simplified Schematics, Master Mode Simplified Schematics, Slave Mode |
Similar Part No. - TLIN2029DRQ1 |
|
Similar Description - TLIN2029DRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |