Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-P9160FXM1-MM-SC-LV Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RGS-P9160FXM1-MM-SC-LV
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160FXM1-MM-SC-LV Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RGS-P9160FXM1-MM-SC-LV Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 8Page - ORing Industrial Networking Corp RGS-P9160FXM1-MM-SC-LV Datasheet HTML 9Page - ORing Industrial Networking Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.8a Oct, 2017
Introduction
RGS-P9160M1 series have three different models, RGS-P9160GCM1, RGS-P9160GFM1 and RGS-P9160FXM1. They are IEC
61850-3 compliant and up to 24-port modular rack mount Gigabit managed redundant ring Ethernet switch with 16xGigabit
combo / Gigabit fiber / 100Mbit fiber ports and provided 1 modular switch slot to extend switch function. The switch is
designed for power substation application and rolling stock application, fully compliant with the requirement of IEC 61850-3
and IEEE 1613. RGS-P9160M1 series support Ethernet Redundancy protocol, O-Ring (recovery time < 30ms), O-Chain,
MRP*NOTE, Fast Recovery and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network
interruptions or temporary malfunctions with its fast recovery technology. RGS-P9160M1 series can also be managed
centralized and convenient by Open-Vision, as well as the Web-based interface, Telnet and console (CLI) configuration.
Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet power substation application.
O-Ring : O-Ring is ORing’s proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to
250 nodes. The O-Ring redundant ring technology can protect mission-critical application from network
interruptions or temporary malfunction with its fast recover technology.
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy
topology for any backbone network, O-Chain allows multiple redundant network rings of different redundancy
protocols to join and function together as a larger and more robust compound network topology. O-Chain providing
ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness in one set of
network redundancy topology.
MRP*NOTE : Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows
rings of Ethernet switches to overcome any single failure with recovery time much faster than achievable with
Spanning Tree Protocol.
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest
priority for data stream according to TCP/UDP port number.
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address
to access the network. Hacker cannot access the IP surveillance network without permission. It can avoid hacker
from stealing video privacy data and attacking IP camera, NVR and controllers.
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there
is any IP flow become big in short time, the switch will lock the source IP address for certain time to prevent the
attack. It’s hardware-based prevention so it can prevent DOS/DDOS attack immediately and completely.
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and
backplane Ethernet family o4f networking standards that will allow for less power consumption during periods of low
data activity. The intention was to reduce power consumption by 50% or more.
IEEE 1588V2 Technology : The IEEE 1588V2 technology can fulfill precision time synchronization requirements for
protection and control applications.
Modular Designed : Modular designed can makes network planning easy and allow greater flexibility by letting you
install other Ethernet/Optical fiber modular.
*NOTE: This function is available by request only
Introduction


Similar Part No. - RGS-P9160FXM1-MM-SC-LV

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160FXM2-HV_EU ORING-RGS-P9160FXM2-HV_EU Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-HV_JP ORING-RGS-P9160FXM2-HV_JP Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-HV_UK ORING-RGS-P9160FXM2-HV_UK Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-HV_US ORING-RGS-P9160FXM2-HV_US Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-LV ORING-RGS-P9160FXM2-LV Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9160FXM1-MM-SC-LV

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
   Industrial 16-port managed Gigabit Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
   Industrial IEC 61850-3 modular rack mount Device Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com