Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGS-P9160FXM1-SS-SC-HV_US Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # RGS-P9160FXM1-SS-SC-HV_US
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160FXM1-SS-SC-HV_US Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 8Page - ORing Industrial Networking Corp RGS-P9160FXM1-SS-SC-HV_US Datasheet HTML 9Page - ORing Industrial Networking Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.8a Oct, 2017
Features
Designed for power substation application and fully
compliant with the requirement of IEC 61850-3 and IEEE
1613
Supports O-Ring (recovery time < 30ms) and
MSTP(RSTP/STP compatible) for Ethernet Redundancy
O-Chain allow multiple redundant network rings
Supports standard IEC 62439-2 MRP *NOTE (Media
Redundancy Protocol) function
Provided one switch module slot for extend switch port
Supports IEEE 1588v2 clock Synchronization
Supports IPV6 new internet protocol version
Supports Modbus TCP protocol
Supports IEEE 802.3az Energy-Efficient Ethernet technology
Provided HTTPS/SSH protocol to enhance network security
Supports SMTP client and SNTP server protocol
Supports application-based QoS management
Supports Device Binding security function
Supports DOS/DDOS auto prevention
IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
Supports SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
Supports ACL and 802.1x User Authentication for security
Supports 10K Bytes Jumbo Frame
Supports DBU-01 backup unit to quickly backup/restore configuration
Multiple notification for warning of unexpected event
Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration
Support LLDP Protocol
19 inches rack mountable design
*NOTE: This function is available by request only
RGS-P9160M1 Series
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
with 16xGigabit combo ports/1000Base-X/100Base-FX and 1 switch module slot


Similar Part No. - RGS-P9160FXM1-SS-SC-HV_US

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160FXM2-HV_EU ORING-RGS-P9160FXM2-HV_EU Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-HV_JP ORING-RGS-P9160FXM2-HV_JP Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-HV_UK ORING-RGS-P9160FXM2-HV_UK Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-HV_US ORING-RGS-P9160FXM2-HV_US Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM2-LV ORING-RGS-P9160FXM2-LV Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9160FXM1-SS-SC-HV_US

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
   Industrial 16-port managed Gigabit Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
   Industrial IEC 61850-3 modular rack mount Device Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com