Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS24D4E-X2 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # AS24D4E-X2
Description  5A to 600 Vac SIP Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

AS24D4E-X2 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  AS24D4E-X2 Datasheet HTML 1Page - Willow Technologies Ltd AS24D4E-X2 Datasheet HTML 2Page - Willow Technologies Ltd AS24D4E-X2 Datasheet HTML 3Page - Willow Technologies Ltd AS24D4E-X2 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AS4 Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2016 TELEDYNE RELAYS
AS4\092016\Q3
Series AS4
5A to 600 Vac SIP Package
DC Control
THERMAL CURVES
Figure 5c — 35A output power
12°C/W corresponds to a relay without heat sink
6°C/W corresponds to a relay mounted on a DIN-rail adaptor (Teledyne P/N DL12)
SURGE CURRENT
Figure 4b — 25A output current
0
5 10 15 20 25 30 35 40 45 50
0
0
5
10
15
20
25
30
35
40
45
50
0
0
102030405060708090 100
0
0
5
10
15
20
25
30
35
40
45
50
0
3K/W
12K/W
6K/W
2K/W
1,5K/W
Full on State
50% on State
1K/W
4K/W
duty cycle 90%
I max = 48A @ Tcase = 85
°C
I max = 34A @ Tcase = 100
°C
Figure 4c — 35A output current
Figure 5b — 25A output power
0
5
10
15
20
25
0
0
5
10
15
20
25
30
0
0
102030405060708090 100
0
0
5
10
15
20
25
30
0
3K/W
12K/W
6K/W
2K/W
1,5K/W
Full on State
50% on State
1K/W
4K/W
duty cycle 90%
400
350
300
250
200
150
100
50
10
1
0.1
0.01
1
2
Repetive surge current with voltage reapplied.
No repetive surge current without voltage reapplied.
110
1
0.1
0.01
0
50
100
150
200
250
0
1
2
TIME (s)
TIME (s)
Load Current (A)
Load Current (A)


Similar Part No. - AS24D4E-X2

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AS24D4E-X2 TELEDYNE-AS24D4E-X2 Datasheet
319Kb / 4P
   DC Control
More results

Similar Description - AS24D4E-X2

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
LS24D16C TELEDYNE-LS24D16C Datasheet
195Kb / 6P
   30A to 600 Vac SIP Package DC control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
   SIP package
logo
Crydom Inc.,
EZE240A12SR CRYDOM-EZE240A12SR Datasheet
796Kb / 5P
   Compact design for low-profile applications; Ratings from 5A to 18A @ 600 VAC
logo
DB Lectro Inc
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
   Micro SIP package
logo
Littelfuse
CCMR LITTELFUSE-CCMR_17 Datasheet
670Kb / 7P
   600 Vac
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com