Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D41F Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # D41F
Description  interface relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

D41F Datasheet(HTML) 3 Page - Willow Technologies Ltd

  D41F Datasheet HTML 1Page - Willow Technologies Ltd D41F Datasheet HTML 2Page - Willow Technologies Ltd D41F Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D41F series
interface relays - accessories
American Electronic Components Inc., 1101 Lafayette St, Elkhart, Indiana IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
D41F-AR Adaptor
Fig.2
Specifications are subject to change without notice. E&OE.
Ref: D41F 102115JHM
Fig. 3
D41F-J-Blue / Red / Black Jumper
Ordering Code: D41F-J - Red or D41F-J- Blue or D41F-J-Black
D41F-S Separator
Fig. 4
D41F-M White Marker Tab
D41F-M1 White Marker Tab (bulk for engraving)
Fig. 5
Technical data
Rated current (per signal path)
1A
Minimum required supply power
3W
Nominal voltage (U
n)
24VDC
Operating range
(0.8~1.1)U
n
Control logic
Positive switching (to A)
Power supply status indication
Green LED
Ambient temperature range
-40°C ~ 70°C
Terminals for 24V control logic
Type of connector
14 pole, according to IEC 60603-13
Terminals for 24V Power supply
Wire strip length
9.5mm
Screw torque
0.5Nm
Max. wire size
solid wire
1 x 4/2 x 1.5mm2
1 x 12/2 x 16AWG
stranded wire
1 x 2.5/2 x 1.5mm2
1 x 14/2 x 16AWG


Similar Part No. - D41F

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
   Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
   Screw or spring clamp terminals
More results

Similar Description - D41F

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DI8 AEC-DI8 Datasheet
441Kb / 3P
   interface relays
logo
Willow Technologies Ltd
DI8 WILLOW-DI8 Datasheet
430Kb / 3P
    interface relays
D2RS WILLOW-D2RS Datasheet
331Kb / 3P
   industrial interface relays
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
   Accessories for pluggable interface relays CR-U Pluggable function modules
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com