Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ110A Datasheet(PDF) 3 Page - Suntan Capacitors

Part # SMBJ110A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SMBJ110A Datasheet(HTML) 3 Page - Suntan Capacitors

  SMBJ110A Datasheet HTML 1Page - Suntan Capacitors SMBJ110A Datasheet HTML 2Page - Suntan Capacitors SMBJ110A Datasheet HTML 3Page - Suntan Capacitors SMBJ110A Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Suntan® Su®
SMBJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 440 Volts, 600 Watt Peak Pulse Power
SMBJ PART NUMBER
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX. @IT
TEST
CURRE
NT IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp
Vc(V)
PEAK
PULSE
CURRENT
Ipp
(A)
REVERSE
LEAKAGE
@VRWM
IR(µ
A)
UNI-POLAR
BI-POLAR
SMBJ48A
SMBJ48CA
48
53.3
58.9
1
77.4
7.8
5
SMBJ51A
SMBJ51CA
51
56.7
62.7
1
82.4
7.3
5
SMBJ54A
SMBJ54CA
54
60
66.3
1
87.1
6.9
5
SMBJ58A
SMBJ58CA
58
64.4
71.2
1
93.6
6.5
5
SMBJ60A
SMBJ60CA
60
66.7
73.7
1
96.8
6.2
5
SMBJ64A
SMBJ64CA
64
71.1
78.6
1
103
5.9
5
SMBJ70A
SMBJ70CA
70
77.8
86
1
113
5.3
5
SMBJ75A
SMBJ75CA
75
83.3
92.1
1
121
5
5
SMBJ78A
SMBJ78CA
78
86.7
95.8
1
126
4.8
5
SMBJ85A
SMBJ85CA
85
94.4
104
1
137
4.4
5
SMBJ90A
SMBJ90CA
90
100
111
1
146
4.1
5
SMBJ100A
SMBJ100CA
100
111
123
1
162
3.7
5
SMBJ110A
SMBJ110CA
110
122
135
1
177
3.4
5
SMBJ120A
SMBJ120CA
120
133
147
1
193
3.1
5
SMBJ130A
SMBJ130CA
130
144
159
1
209
2.9
5
SMBJ150A
SMBJ150CA
150
167
185
1
243
2.5
5
SMBJ160A
SMBJ160CA
160
178
197
1
259
2.3
5
SMBJ170A
SMBJ170CA
170
189
209
1
275
2.2
5
SMBJ180A
SMBJ180CA
180
201
222
1
292
2.1
5
SMBJ200A
SMBJ200CA
200
224
247
1
342
1.9
5
SMBJ220A
SMBJ220CA
220
246
272
1
356
1.7
5
SMBJ250A
SMBJ250CA
250
279
309
1
405
1.5
5
SMBJ300A
SMBJ300CA
300
355
371
1
486
1.3
5
SMBJ350A
SMBJ350CA
350
391
432
1
567
1.1
5
SMBJ400A
SMBJ400CA
400
447
494
1
648
0.9
5
SMBJ440A
SMBJ440CA
440
492
543
1
713
0.9
5
Note: Specifications are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - SMBJ110A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ110A JGD-SMBJ110A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ110A VISHAY-SMBJ110A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Littelfuse
SMBJ110A LITTELFUSE-SMBJ110A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Galaxy Semi-Conductor H...
SMBJ110A BILIN-SMBJ110A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Weitron Technology
SMBJ110A WEITRON-SMBJ110A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ110A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com