Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG31H-3021-35-1024 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG31H-3021-35-1024
Description  miniature hi-temp pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG31H-3021-35-1024 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG31H-3021-35-1024 Datasheet HTML 1Page - Willow Technologies Ltd DG31H-3021-35-1024 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG31H
miniature hi-temp pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgSnO
2 (standard)
Max. switching voltage
DC 28V
AC 250V
Min. switching current / voltage
100mA / 12VDC
Rated load
TUV
UL
VDE
12A / 250VAC, 15A / 125VAC;
15A/ 125VAC TV-5
10A/ 250VAC (NO Contact), 7A/ 250VAC (NC Contact)
Max. switching current
15A
Max. switching power
3000VA / 280W
Initial resistance
<50mΩ, max. at 1A/6VDC
Coil
Rated voltage
DC 3...48V (3V not UL)
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 360mW
Insulation
Insulation resistance (min.)
1000MΩ at 500VDC, 50%RH
Insulation Category (creepage resistance)
CTI250
UL Insulation system
Class F (155°C)
Dielectric strength
coil to contact 1500Vrms, 1min (50/60Hz)
contact to contact 1000Vrms, 1min (50/60Hz)
Surge resistance
3000V (between coil & contact, 1.2 x 50µs)
General Data
Operating time (max.)
mS 10
Release time (max.)
mS 5
Electrical Life
ops 1 x 105 (at rated resistive load - 1,800 ops/hr)
Mechanical life
ops 1 x 107 (no load, 18,000 ops/hr)
Dimensions
L x W x H 19 x 15.4 x 15mm
Weight
9g approx.
Ambient temperature
storage -40 to 105°C
operating -40 to 105°C (-40 to 85°C VDE)
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature - only 19 x 15.4 x 15mm
• 12A @ 250VAC, 15A @ 125VAC
• 105°C Operating Temperature
• RoHS Compliant
• Domestic appliances, office equipment etc.
Ref: DG31H 091515FEW
File No: E305753
Specifications are subject to change without notice. E&OE.
40042950


Similar Part No. - DG31H-3021-35-1024

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
More results

Similar Description - DG31H-3021-35-1024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com