Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG31-3012-25-1005 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG31-3012-25-1005
Description  miniature pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG31-3012-25-1005 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG31-3012-25-1005 Datasheet HTML 1Page - Willow Technologies Ltd DG31-3012-25-1005 Datasheet HTML 2Page - Willow Technologies Ltd DG31-3012-25-1005 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG31
miniature pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgSnO
2, AgCdO, AgNi0.15
Max. switching voltage
DC 28V
AC 240V
Min. switching current / voltage
100mA / 12VDC
Rated load
AgSnO
2 , AgCdO : 10A / 28VDC; 10A / 250VAC; 12A / 120VAC;
: 7A / 250VAC, 10A / 28VDC UL
AgNi0.15
: 5A /240VAC, 5A/28VDC
Max. continuous current
12A
Max. switching current
Make 12A
Break 12A
Initial resistance
<100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...48V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 360mW
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Insulation Category (creepage resistance)
CTI250
Dielectric strength
coil to contact 1500Vrms, 1min
contact to contact 750Vrms, 1min
General Data
Operating time (typical)
mS 10
Release time (typical)
mS 5
Electrical Life
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 19.5 x 15.5 x 16mm
Weight
10g approx.
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature - only 19.5 x 15.5 x 16mm
• 12A @ 120VAC / 10A @ 250VAC
• Cost effective
• RoHS Compliant
Ref: DG31 073012JHM


Similar Part No. - DG31-3012-25-1005

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31 AEC-DG31 Datasheet
253Kb / 3P
   RoHS Compliant
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
DG3157 VISHAY-DG3157 Datasheet
126Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
Rev. D, 23-Feb-09
DG3157 VISHAY-DG3157 Datasheet
129Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG31-3012-25-1005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com