Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG31-3011-35-1005 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG31-3011-35-1005
Description  miniature pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG31-3011-35-1005 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG31-3011-35-1005 Datasheet HTML 1Page - Willow Technologies Ltd DG31-3011-35-1005 Datasheet HTML 2Page - Willow Technologies Ltd DG31-3011-35-1005 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
3
1
-
0
1
-
5
-
Contact material
1
-
AgCdO
See coil Table 1
3
-
AgSnO
2 (standard)
8
-
AgNi 0.15
Contact arrangement
1
-
SPDT (1 C/O, 1 Form C) (std)
2
-
SPST-NO
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67 (std)
Connection mode
5
-
for PCB
DG31
miniature pcb power relay
Ref: DG31 073012JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must operate volt-
age max. (V DC)
Must release volt-
age min. (V DC)
Max. allowable
voltage (V DC)
1003
3
25
2.25
0.15
3.9
1005
5
69
3.75
0.25
6.5
1006
6
100
4.50
0.30
7.8
1009
9
225
6.75
0.45
11.7
1012
12
400
9.00
0.60
15.6
1024
24
1600
18.00
1.20
31.2
1048
48
6400
36.00
2.40
62.4
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG31-3011-35-1005

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31 AEC-DG31 Datasheet
253Kb / 3P
   RoHS Compliant
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
DG3157 VISHAY-DG3157 Datasheet
126Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
Rev. D, 23-Feb-09
DG3157 VISHAY-DG3157 Datasheet
129Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG31-3011-35-1005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com